Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA128-HT Datasheet(PDF) 11 Page - Texas Instruments

Part # INA128-HT
Description  INA12x-HT Precision, Low-Power Instrumentation Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA128-HT Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA128-HT_15 Datasheet HTML 7Page - Texas Instruments INA128-HT_15 Datasheet HTML 8Page - Texas Instruments INA128-HT_15 Datasheet HTML 9Page - Texas Instruments INA128-HT_15 Datasheet HTML 10Page - Texas Instruments INA128-HT_15 Datasheet HTML 11Page - Texas Instruments INA128-HT_15 Datasheet HTML 12Page - Texas Instruments INA128-HT_15 Datasheet HTML 13Page - Texas Instruments INA128-HT_15 Datasheet HTML 14Page - Texas Instruments INA128-HT_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Output Voltage (V)
0
15
10
5
0
10
G=1
G = 1
G ≥ 10
G ≥ 10
VD/2
+
+
VCM
V
V
O
D/2
Ref
-15V
+15V
-10
-15
5
10
15
-5
5
15
Output Voltage (V)
5
4
3
2
1
0
0
G=1
G=1
G ≥ 10
G ≥ 10
G ≥ 10
G=1
1
2
3
4
5
-1
-2
-3
-4
-5
VS = ±2.5V
VS = ±5V
1
2
3
4
5
Frequency (Hz)
140
120
100
80
60
40
20
0
10
G =100V/V
G =1000V/V
G=1V/V
G= 10V/V
100k
100
1k
10k
1M
Frequency (Hz)
140
120
100
80
60
40
20
0
10
G =100V/V
G = 1000V/V
G=1V/V
G=10V/V
Frequency (Hz)
10
140
120
100
80
60
40
20
0
100k
G =1V/V
G =10V/V
G =100V/V
G =1000V/V
100
1k
10k
1M
60
50
40
30
20
10
0
10
20
Frequency (Hz)
1k
G = 100V/V
G = 10 V/V
G = 1V/V
G = 1000V/V
10k
100k
1M
10M
INA128-HT, INA129-HT
www.ti.com
SBOS501F – JANUARY 2010 – REVISED FEBRUARY 2015
7.7 Typical Characteristics
At TA = 25°C, VS = ±15 V, unless otherwise noted.
Figure 2. Gain vs Frequency
Figure 3. Common-Mode Rejection vs Frequency
Figure 4. Positive Power-Supply Rejection vs Frequency
Figure 5. Negative Power-Supply Rejection vs Frequency
VS = ±5 V, ±2.5 V
VS = ±15 V
Figure 7. Input Common-Mode Range vs Output Voltage
Figure 6. Input Common-Mode Range vs Output Voltage
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: INA128-HT INA129-HT


Similar Part No. - INA128-HT_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
[Old version datasheet]   Precision, Low-Power Instrumentation Amplifiers
More results

Similar Description - INA128-HT_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA128 TI1-INA128_15 Datasheet
1Mb / 29P
[Old version datasheet]   INA12x Precision, Low Power Instrumentation Amplifiers
INA128 TI-INA128 Datasheet
1Mb / 20P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
[Old version datasheet]   Precision, Low-Power Instrumentation Amplifiers
logo
Burr-Brown (TI)
INA128 BURR-BROWN-INA128 Datasheet
245Kb / 10P
   Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
Texas Instruments
INA129UA TI1-INA129UA Datasheet
1Mb / 20P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA129-EP TI1-INA129-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   Precision, Low Power Instrumentation Amplifiers
INA128-HT TI1-INA128-HT Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129-EP TI1-INA129-EP Datasheet
1Mb / 22P
[Old version datasheet]   PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
logo
API Technologies Corp
MN2310 APITECH-MN2310 Datasheet
1Mb / 7P
   Precision, Low-Noise JFET Instrumentation Amplifiers
logo
Burr-Brown (TI)
INA118 BURR-BROWN-INA118 Datasheet
242Kb / 11P
   Precision, Low Power INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com