Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA201 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA201
Description  INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA201 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA201 Datasheet HTML 3Page - Texas Instruments INA201 Datasheet HTML 4Page - Texas Instruments INA201 Datasheet HTML 5Page - Texas Instruments INA201 Datasheet HTML 6Page - Texas Instruments INA201 Datasheet HTML 7Page - Texas Instruments INA201 Datasheet HTML 8Page - Texas Instruments INA201 Datasheet HTML 9Page - Texas Instruments INA201 Datasheet HTML 10Page - Texas Instruments INA201 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
Hysteresis=V
8mV
-
THRESHOLD
V
THRESHOLD
InputVoltage
0.6V
0.592V
INA200, INA201, INA202
www.ti.com
SBOS374D – NOVEMBER 2006 – REVISED OCTOBER 2015
Figure 1. Typical Comparator Hysteresis
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: INA200 INA201 INA202


Similar Part No. - INA201

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA201 BURR-BROWN-INA201 Datasheet
285Kb / 19P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA201 BURR-BROWN-INA201 Datasheet
345Kb / 22P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA201 TI1-INA201 Datasheet
1,017Kb / 26P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA201 TI1-INA201 Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA201 TI1-INA201 Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
More results

Similar Description - INA201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA200AIDR TI1-INA200AIDR Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA202AID TI1-INA202AID Datasheet
1,017Kb / 26P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA201-Q1 TI1-INA201-Q1 Datasheet
703Kb / 21P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AID TI1-INA200AID Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200 TI1-INA200_17 Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA200 TI1-INA200_16 Datasheet
1Mb / 32P
[Old version datasheet]   INA20x High-Side Measurement Current-Shunt Monitor
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA206 TI-INA206_15 Datasheet
1Mb / 39P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203 TI-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com