Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA203-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Part # INA203-Q1
Description  Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA203-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA203-Q1_15 Datasheet HTML 3Page - Texas Instruments INA203-Q1_15 Datasheet HTML 4Page - Texas Instruments INA203-Q1_15 Datasheet HTML 5Page - Texas Instruments INA203-Q1_15 Datasheet HTML 6Page - Texas Instruments INA203-Q1_15 Datasheet HTML 7Page - Texas Instruments INA203-Q1_15 Datasheet HTML 8Page - Texas Instruments INA203-Q1_15 Datasheet HTML 9Page - Texas Instruments INA203-Q1_15 Datasheet HTML 10Page - Texas Instruments INA203-Q1_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
45
40
35
30
25
20
15
10
5
10k
100k
Frequency(Hz)
1M
G=100
C
=1000pF
LOAD
G=50
G=20
45
40
35
30
25
20
15
10
5
10k
100k
Frequency(Hz)
1M
G=100
G=50
G=20
C
=0
LOAD
20
18
16
14
12
10
8
6
4
2
0
20
100
200
300
400
500
600
700
V
(mV)
SENSE
800
900
50V/V
20V/V
100V/V
140
130
120
110
100
90
80
70
60
50
40
10
100
1k
10k
Frequency(Hz)
100k
CMR
PSR
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
50
100 150
200
250 300
350
V
(mV)
SENSE
400
450
500
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
-16 -12
-8
-4
0
4
12
8
20
16
Common-ModeVoltage(V)
...
76
80
INA203-Q1
www.ti.com
SBOS539 – DECEMBER 2010
TYPICAL CHARACTERISTICS
All specifications at TA = +25°C, VS = +12V, VCM = +12V, and VSENSE = 100mV, unless otherwise noted.
GAIN vs FREQUENCY
GAIN vs FREQUENCY
Figure 2.
Figure 3.
COMMON-MODE AND POWER-SUPPLY REJECTION
GAIN PLOT
vs FREQUENCY
Figure 4.
Figure 5.
TOTAL OUTPUT ERROR vs VSENSE
TOTAL OUTPUT ERROR vs COMMON-MODE VOLTAGE
Figure 6.
Figure 7.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): INA203-Q1


Similar Part No. - INA203-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA203-Q1 TI1-INA203-Q1_16 Datasheet
1Mb / 29P
[Old version datasheet]   Low- or High-Side, High-Speed, Voltage Output Current Shunt Monitor
More results

Similar Description - INA203-Q1_15

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA203 BURR-BROWN-INA203 Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
logo
Texas Instruments
INA206 TI1-INA206 Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203-Q1 TI1-INA203-Q1 Datasheet
701Kb / 23P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203 TI1-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA206 TI-INA206_15 Datasheet
1Mb / 39P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203 TI-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA270 TI1-INA270_14 Datasheet
816Kb / 26P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor
INA206 TI-INA206 Datasheet
433Kb / 23P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Dual Comparators
INA271-HT TI-INA271-HT Datasheet
335Kb / 18P
[Old version datasheet]   VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
logo
Burr-Brown (TI)
INA270 BURR-BROWN-INA270 Datasheet
295Kb / 13P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com