Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA282-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA282-Q1
Description  INA28x-Q1 Automotive Grade, ??4-V to 80-V, Bidirectional, High Accuracy, Low- or High-Side, Voltage Output, Current Shunt Monitor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA282-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  INA282-Q1_15 Datasheet HTML 1Page - Texas Instruments INA282-Q1_15 Datasheet HTML 2Page - Texas Instruments INA282-Q1_15 Datasheet HTML 3Page - Texas Instruments INA282-Q1_15 Datasheet HTML 4Page - Texas Instruments INA282-Q1_15 Datasheet HTML 5Page - Texas Instruments INA282-Q1_15 Datasheet HTML 6Page - Texas Instruments INA282-Q1_15 Datasheet HTML 7Page - Texas Instruments INA282-Q1_15 Datasheet HTML 8Page - Texas Instruments INA282-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1
2
2
1
2
2
Bus Supply
±14 V to +80 V
Load
Zer -
Drift
1
1
OUT
REF2
REF1
GND
2.7 V to 18 V
V+
+IN
±IN
Output
33.3 k
33.3 k
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
INA282-Q1, INA283-Q1, INA284-Q1, INA285-Q1, INA286-Q1
SBOS554B – MARCH 2012 – REVISED DECEMBER 2015
INA28x-Q1 Automotive Grade, –14-V to +80-V, Bidirectional, High Accuracy,
Low- or High-Side, Voltage Output, Current Shunt Monitor
1 Features
3 Description
The INA28x-Q1 family includes the INA282-Q1,
1
Qualified for Automotive Applications
INA283-Q1, INA284-Q1, INA285-Q1, and INA286-Q1
AEC-Q100 Qualified With the Following Results
devices. These devices are voltage output current
Device Temperature Grade 1: –40°C to
shunt monitors that can sense drops across shunts at
+125°C Ambient Operating Temperature
common-mode voltages from –14 V to +80 V,
independent of the supply voltage. The low offset of
Range
the zero-drift architecture enables current sensing
Device HBM ESD Classification Level H2
with maximum drops across the shunt as low as 10
Device CDM ESD Classification Level C5
mV full-scale.
Wide Common-Mode Range: –14 V to +80 V
These current sense amplifiers operate from a single
Offset Voltage: ±20
μV
2.7-V to 18-V supply, drawing a maximum of 900
μA
of supply current. These devices are specified over
CMRR: 140 dB
the extended operating temperature range of –40°C
Accuracy:
to +125°C, and offered in SOIC-8 and VSSOP-8
±1.4% Gain Error (Maximum)
packages.
0.3
μV/°C Offset Drift
Device Information(1)
0.005%/°C Gain Drift (Maximum)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Available Gains:
INA28xAQDRQ1
SOIC (8)
4.90 mm × 3.91 mm
50 V/V: INA282-Q1
INA28xAQDGKRQ1
VSSOP (8)
3.00 mm × 3.00 mm
100 V/V: INA286-Q1
(1) For all available packages, see the package option addendum
200 V/V: INA283-Q1
at the end of the data sheet.
500 V/V: INA284-Q1
1000 V/V: INA285-Q1
Quiescent Current: 900
μA (Maximum)
Detailed Block Diagram
2 Applications
EV and HEV Battery Management
EV and HEV Chargers
Electric Power Steering (EPS) Systems
Body Control Modules
Brake Systems
Electronic Stability Control (ESC) Systems
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA282-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA282-Q1 TI1-INA282-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   Current Shunt Monitor
More results

Similar Description - INA282-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA225-Q1 TI-INA225-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA225-Q1 Automotive-Grade, 36-V Programmable-Gain, Voltage-Output, Bidirectional,Zero-Drift, High-Speed Current-Shunt Monitor
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
INA203-Q1 TI1-INA203-Q1_16 Datasheet
1Mb / 29P
[Old version datasheet]   Low- or High-Side, High-Speed, Voltage Output Current Shunt Monitor
logo
Burr-Brown (TI)
INA170 BURR-BROWN-INA170_12 Datasheet
549Kb / 13P
   High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Texas Instruments
INA170 TI1-INA170_17 Datasheet
583Kb / 15P
[Old version datasheet]   High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA170 BURR-BROWN-INA170 Datasheet
209Kb / 10P
   High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Texas Instruments
INA240 TI1-INA240 Datasheet
543Kb / 8P
[Old version datasheet]   Wide Common-Mode Range, Voltage Output High- or Low-Side Bidirectional, Zero-Drift, Current-Shunt Monitor
logo
Analog Devices
AD8210 AD-AD8210_12 Datasheet
293Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. C
AD8210 AD-AD8210_15 Datasheet
329Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. D
AD8210 AD-AD8210_07 Datasheet
406Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com