Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA283-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA283-Q1
Description  INA28x-Q1 Automotive Grade, ??4-V to 80-V, Bidirectional, High Accuracy, Low- or High-Side, Voltage Output, Current Shunt Monitor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA283-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA283-Q1 Datasheet HTML 2Page - Texas Instruments INA283-Q1 Datasheet HTML 3Page - Texas Instruments INA283-Q1 Datasheet HTML 4Page - Texas Instruments INA283-Q1 Datasheet HTML 5Page - Texas Instruments INA283-Q1 Datasheet HTML 6Page - Texas Instruments INA283-Q1 Datasheet HTML 7Page - Texas Instruments INA283-Q1 Datasheet HTML 8Page - Texas Instruments INA283-Q1 Datasheet HTML 9Page - Texas Instruments INA283-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
INA282-Q1, INA283-Q1, INA284-Q1, INA285-Q1, INA286-Q1
SBOS554B – MARCH 2012 – REVISED DECEMBER 2015
www.ti.com
Electrical Characteristics (continued)
at TA = 25°C, V+ = 5 V, V+IN = 12 V, VREF1 = VREF2 = 2.048 V referenced to GND, and VSENSE = V+IN – V–IN, unless otherwise
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Nonlinearity Error
±0.01%
Output Impedance
1.5
Maximum Capacitive Load
No sustained oscillation
1
nF
VOLTAGE OUTPUT (6)
V+ = 5 V, RLOAD = 10 kΩ to GND
Swing to V+ Power-Supply Rail
(V+)–0.17
(V+)–0.4
V
TA = –40°C to 125°C
Swing to GND
TA = –40°C to 125°C
GND+0.015 GND+0.04
V
FREQUENCY RESPONSE
INA282-Q1
10
INA283-Q1
10
BW
Effective Bandwidth(7)
INA284-Q1
4
kHz
INA285-Q1
2
INA286-Q1
10
NOISE, RTI (1)
Voltage Noise Density
1 kHz
110
nV/
√Hz
POWER SUPPLY
VS
Specified Voltage Range
TA = –40°C to 125°C
2.7
18
V
IQ
Quiescent Current
600
900
μA
TEMPERATURE RANGE
Specified Range
–40
125
°C
(6)
See typical characteristic graphs Figure 16 through Figure 18.
(7)
See typical characteristic graph Figure 1 and the Effective Bandwidth section in the Applications Information.
6
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: INA282-Q1 INA283-Q1 INA284-Q1 INA285-Q1 INA286-Q1


Similar Part No. - INA283-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA283 TI-INA283 Datasheet
706Kb / 31P
[Old version datasheet]   High-Accuracy Wide Common-Mode Range Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA283 TI-INA283 Datasheet
686Kb / 31P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA283 TI-INA283 Datasheet
1Mb / 33P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR
INA283AID TI-INA283AID Datasheet
1Mb / 33P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR
INA283AID TI1-INA283AID Datasheet
1Mb / 36P
[Old version datasheet]   Bidirectional Current Shunt Monitors
More results

Similar Description - INA283-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA225-Q1 TI-INA225-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA225-Q1 Automotive-Grade, 36-V Programmable-Gain, Voltage-Output, Bidirectional,Zero-Drift, High-Speed Current-Shunt Monitor
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
INA203-Q1 TI1-INA203-Q1_16 Datasheet
1Mb / 29P
[Old version datasheet]   Low- or High-Side, High-Speed, Voltage Output Current Shunt Monitor
logo
Burr-Brown (TI)
INA170 BURR-BROWN-INA170_12 Datasheet
549Kb / 13P
   High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Texas Instruments
INA170 TI1-INA170_17 Datasheet
583Kb / 15P
[Old version datasheet]   High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA170 BURR-BROWN-INA170 Datasheet
209Kb / 10P
   High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Texas Instruments
INA240 TI1-INA240 Datasheet
543Kb / 8P
[Old version datasheet]   Wide Common-Mode Range, Voltage Output High- or Low-Side Bidirectional, Zero-Drift, Current-Shunt Monitor
logo
Analog Devices
AD8210 AD-AD8210_12 Datasheet
293Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. C
AD8210 AD-AD8210_15 Datasheet
329Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. D
AD8210 AD-AD8210_07 Datasheet
406Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com