Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1301050031 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301050031
Description  Super-Safeway Rubber Hand Lamp 75W with LOVOLT짰 In-line Transformer Screw Release Reflector Guard 14/2 SOOW Cord Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301050031 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301050031 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301050031
Status:
Active
Overview:
Specialty Lighting
Description:
Super-Safeway™ Rubber Hand Lamp 75W with LOVOLT® In-line Transformer Screw
Release Reflector Guard 14/2 SOOW Cord Type, 7.62m (50.0') Cord Length
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR85374
General
Product Family
Portable Lighting
Series
130105
NEMA Configuration
NEMA 5-15
Outlet
None
Overview
Specialty Lighting
Product Literature Order No
987650-8052
Product Name
Super-Safeway™
Type
Specialty Light
UPC
78678861516
Woodhead
Yes
Physical
Cord Length - Primary
3.04m (10.0')
Cord Length - Secondary
15.24m (50.0')
Depth
101.60mm (4.000")
Duty
Industrial
Guard Included
No
Guard Type
N/A
Height
374.65mm (14.750")
Length
N/A
Material - Guard
#8 Gauge Zinc-plated Steel
Mounting Style
Hand Held
Packaging Type
Carton
Socket Construction
N/A
Electrical
Bulb Type
Incandescent
Cord Type - Primary
16/3 SOOW
Cord Type - Secondary
14/2 SOOW
Lamp Type
A21
Lamp Wattage - Maximum
75W
Lumens
1000
On/Off Switch
No
Voltage (Fixture) - Maximum
120VAC 60 HZ
Material Info
Old Part Number
1601-12B
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130105 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301050031

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301050030 MOLEX11-1301050030 Datasheet
39Kb / 1P
   Super-Safeway Rubber Hand Lamp 75W with LOVOLT짰 In-line Transformer Screw Release Reflector Guard 14/2 SOOW Cord Type
1301050032 MOLEX11-1301050032 Datasheet
41Kb / 1P
   Watertite Wet Location 30W 12V Spotlight with Screw Release Guard
1301050033 MOLEX11-1301050033 Datasheet
38Kb / 1P
   Watertite Wet Location 30W 12V Spotlight with In-line Transformer
1301050034 MOLEX11-1301050034 Datasheet
41Kb / 1P
   Watertite Wet Location 30W 12V Spotlight with In-line Transformer
1301050035 MOLEX11-1301050035 Datasheet
41Kb / 1P
   Watertite Wet Location 35W 12V Flood Light with In-line Transformer
More results

Similar Description - 1301050031

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301050030 MOLEX11-1301050030 Datasheet
39Kb / 1P
   Super-Safeway Rubber Hand Lamp 75W with LOVOLT짰 In-line Transformer Screw Release Reflector Guard 14/2 SOOW Cord Type
1301050029 MOLEX11-1301050029 Datasheet
39Kb / 1P
   Super-Safeway Rubber Hand Lamp 75W with LOVOLT짰 In-line Transformer Screw Release Guard
1301050028 MOLEX11-1301050028 Datasheet
39Kb / 1P
   Super-Safeway Rubber Hand Lamp 75W with LOVOLT짰 In-line Transformer Screw Release Guard
1301020097 MOLEX11-1301020097 Datasheet
31Kb / 1P
   Super-Safeway Rubber Hand Lamp with 100W Screw Release Reflector Guard
1301020099 MOLEX11-1301020099 Datasheet
31Kb / 1P
   Super-Safeway Rubber Hand Lamp with 100W Screw Release Reflector Guard,
1301020100 MOLEX11-1301020100 Datasheet
31Kb / 1P
   Super-Safeway Rubber Hand Lamp with 100W Screw Release Reflector Guard
1301020096 MOLEX11-1301020096 Datasheet
31Kb / 1P
   Super-Safeway Rubber Hand Lamp with 100W Screw Release Reflector Guard
1301020101 MOLEX11-1301020101 Datasheet
29Kb / 1P
   Super-Safeway Rubber Hand Lamp Only with 100W Screw Release Reflector Guard
1301020095 MOLEX11-1301020095 Datasheet
29Kb / 1P
   Super-Safeway Rubber Hand Lamp Only with 100W Screw Release Reflector Guard
1301020103 MOLEX11-1301020103 Datasheet
31Kb / 1P
   Super-Safeway Rubber Hand Lamp with 100W Screw Release Reflector Guard with Switch,
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com