Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7330-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7330-Q1
Description  Robust EMC, Low Power, Triple-Channel Digital Isolators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7330-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO7330-Q1 Datasheet HTML 2Page - Texas Instruments ISO7330-Q1 Datasheet HTML 3Page - Texas Instruments ISO7330-Q1 Datasheet HTML 4Page - Texas Instruments ISO7330-Q1 Datasheet HTML 5Page - Texas Instruments ISO7330-Q1 Datasheet HTML 6Page - Texas Instruments ISO7330-Q1 Datasheet HTML 7Page - Texas Instruments ISO7330-Q1 Datasheet HTML 8Page - Texas Instruments ISO7330-Q1 Datasheet HTML 9Page - Texas Instruments ISO7330-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
ISO7330-Q1, ISO7331-Q1
SLLSER7 – NOVEMBER 2015
www.ti.com
6.7 Electrical Characteristics—3.3-V Supply
VCC1 and VCC2 at 3.3 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = –4 mA; see Figure 11
VCCO
(1) – 0.5
3
VOH
High-level output voltage
V
IOH = –20 μA; see Figure 11
VCCO
(1) – 0.1
3.3
IOL = 4 mA; see Figure 11
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 μA; see Figure 11
0
0.1
VI(HYS)
Input threshold voltage hysteresis
425
mV
IIH
High-level input current
IN = VCC
10
μA
IIL
Low-level input curre
IN = 0 V
–10
μA
CMTI
Common-mode transient immunity
VI = VCC or 0 V; see Figure 14
25
50
kV/
μs
(1)
VCCO is supply voltage, VCC1 or VCC2, for the output channel being measured.
6.8 Supply Current Characteristics—3.3-V Supply
All inputs switching with square wave clock signal for dynamic ICC measurement. VCC1 and VCC2 at 3.3 V ± 10% (over
recommended operating conditions unless otherwise noted)
SUPPLY
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT
ISO7330-Q1
ICC1
0.3
0.6
Disable
VI = VCC or 0 V, EN = 0 V
ICC2
0.3
0.6
ICC1
0.3
0.6
DC Input: VI = VCC or 0 V,
DC to 1 Mbps
AC Input: CL = 15 pF
ICC2
2
3.1
Supply current for VCC1 and VCC2
mA
ICC1
0.7
1.1
10 Mbps
CL = 15 pF
ICC2
3.1
4.3
ICC1
1.2
2
25 Mbps
CL = 15 pF
ICC2
4.8
6.3
ISO7331-Q1
ICC1
0.5
0.9
Disable
VI = VCC or 0 V, EN = 0 V
ICC2
0.5
0.8
ICC1
1.3
2.1
DC Input: VI = VCC or 0 V,
DC to 1 Mbps
AC Input: CL = 15 pF
ICC2
1.7
2.6
Supply current for VCC1 and VCC2
mA
ICC1
1.9
2.7
10 Mbps
CL = 15 pF
ICC2
2.6
3.5
ICC1
2.9
4.2
25 Mbps
CL = 15 pF
ICC2
3.9
5.2
6.9 Power Dissipation Characteristics
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15 pF, Input a 12.5-MHz 50% duty cycle square wave (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PD
Maximum Power Dissipation by ISO7330-Q1
70
mW
Maximum Power Dissipation by Side-1 of
PD1
20
mW
ISO7330-Q1
Maximum Power Dissipation by Side-2 of
PD2
50
mW
ISO7330-Q1
PD
Maximum Power Dissipation by ISO7331-Q1
84
mW
Maximum Power Dissipation by Side-1 of
PD1
35
mW
ISO7331-Q1
Maximum Power Dissipation by Side-2 of
PD2
49
mW
ISO7331-Q1
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ISO7330-Q1 ISO7331-Q1


Similar Part No. - ISO7330-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7330C TI-ISO7330C Datasheet
1Mb / 26P
[Old version datasheet]   Robust EMC, Low Power, Triple-Channel Digital Isolators
ISO7330CDW TI-ISO7330CDW Datasheet
1Mb / 26P
[Old version datasheet]   Robust EMC, Low Power, Triple-Channel Digital Isolators
ISO7330CDWR TI-ISO7330CDWR Datasheet
1Mb / 26P
[Old version datasheet]   Robust EMC, Low Power, Triple-Channel Digital Isolators
ISO7330FC TI-ISO7330FC Datasheet
1Mb / 26P
[Old version datasheet]   Robust EMC, Low Power, Triple-Channel Digital Isolators
ISO7330FCDW TI-ISO7330FCDW Datasheet
1Mb / 26P
[Old version datasheet]   Robust EMC, Low Power, Triple-Channel Digital Isolators
More results

Similar Description - ISO7330-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7330C TI-ISO7330C Datasheet
1Mb / 26P
[Old version datasheet]   Robust EMC, Low Power, Triple-Channel Digital Isolators
ISO7320-Q1 TI1-ISO7320-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7320C TI1-ISO7320C_15 Datasheet
1Mb / 26P
[Old version datasheet]   Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7730 TI1-ISO7730_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7730 TI1-ISO7730_16 Datasheet
1Mb / 37P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7730 TI1-ISO7730 Datasheet
576Kb / 33P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7730-Q1 TI1-ISO7730-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7730-Q1 TI1-ISO7730-Q1_18 Datasheet
1Mb / 38P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7340C TI1-ISO7340C Datasheet
1Mb / 37P
[Old version datasheet]   Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
ISO7320 TI-ISO7320_15 Datasheet
1Mb / 26P
[Old version datasheet]   ISO732x Robust EMC, Low Power, Dual-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com