Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCE65R260D Datasheet(PDF) 8 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE65R260D
Description  N-Channel Super Junction Power MOSFET II
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE65R260D Datasheet(HTML) 8 Page - Wuxi NCE Power Semiconductor Co., Ltd

Back Button NCE65R260D Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R260D Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R260D Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R260D Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R260D Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R260D Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R260D Datasheet HTML 8Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R260D Datasheet HTML 9Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R260D Datasheet HTML 10Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Wuxi NCE Power Semiconductor Co., Ltd
Page
http://www.ncepower.com
v1.0
8
NCE65R260D,NCE65R260,NCE65R260F
TO-220-3L-C Package Information
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Max.
Min.
Max.
A
4.400
4.600
0.173
0.181
A1
2.250
2.550
0.089
0.100
b
0.710
0.910
0.028
0.036
b1
1.170
1.370
0.046
0.054
c
0.330
0.650
0.013
0.026
c1
1.200
1.400
0.047
0.055
D
9.910
10.250
0.390
0.404
E
8.9500
9.750
0.352
0.384
E1
12.650
12.950
0.498
0.510
e
2.540 TYP.
0.100 TYP.
e1
4.980
5.180
0.196
0.204
F
2.650
2.950
0.104
0.116
H
7.900
8.100
0.311
0.319
h
0.000
0.300
0.000
0.012
L
12.900
13.400
0.508
0.528
L1
2.850
3.250
0.112
0.128
V
7.500 REF.
0.295 REF.
Φ
3.400
3.800
0.134
0.150


Similar Part No. - NCE65R260D

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE65R2K2I NCEPOWER-NCE65R2K2I Datasheet
806Kb / 8P
   N-Channel Super Junction Power MOSFET ll
logo
VBsemi Electronics Co.,...
NCE65R2K2I VBSEMI-NCE65R2K2I Datasheet
1Mb / 9P
   N-Channel 650V (D-S) Power MOSFET
NCE65R2K2K VBSEMI-NCE65R2K2K Datasheet
1Mb / 9P
   Power MOSFET
logo
Wuxi NCE Power Semicond...
NCE65R2K4I NCEPOWER-NCE65R2K4I Datasheet
806Kb / 8P
   N-Channel Super Junction Power MOSFET ll
logo
VBsemi Electronics Co.,...
NCE65R2K4I VBSEMI-NCE65R2K4I Datasheet
1Mb / 9P
   N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - NCE65R260D

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE65R1K2I NCEPOWER-NCE65R1K2I Datasheet
767Kb / 8P
   N-Channel Super Junction Power MOSFET II
NCE60R1K2 NCEPOWER-NCE60R1K2 Datasheet
668Kb / 10P
   N-Channel Super Junction Power MOSFET II
logo
Shenzhen Huazhimei Semi...
HMS18N80 HMSEMI-HMS18N80 Datasheet
1Mb / 9P
   N-Channel Super Junction Power MOSFET II
logo
Wuxi NCE Power Semicond...
NCE60R1K2Z NCEPOWER-NCE60R1K2Z Datasheet
465Kb / 7P
   N-Channel Super Junction Power MOSFET II
logo
Shenzhen Huazhimei Semi...
HMS21N60 HMSEMI-HMS21N60 Datasheet
1Mb / 8P
   N-Channel Super Junction Power MOSFET II
HMS21N65 HMSEMI-HMS21N65 Datasheet
822Kb / 8P
   N-Channel Super Junction Power MOSFET II
HMS21N70 HMSEMI-HMS21N70 Datasheet
934Kb / 9P
   N-Channel Super Junction Power MOSFET II
logo
Wuxi NCE Power Semicond...
NCE60R1K2I NCEPOWER-NCE60R1K2I Datasheet
768Kb / 8P
   N-Channel Super Junction Power MOSFET II
logo
Rectron Semiconductor
RM5N650IP RECTRON-RM5N650IP Datasheet
525Kb / 8P
   N-Channel Super Junction Power MOSFET
RM5N700IP RECTRON-RM5N700IP Datasheet
974Kb / 8P
   N-Channel Super Junction Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com