Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7418-20 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7418-20
Description  20 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7418-20 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7418-20 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7418-20 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7418-20 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Size
Length
5.6 in [142.24 mm]
Width
6.2 in [157.48 mm]
Height
6.3 in [160.02 mm]
.
Weight
4 lbs [1.81 Kg]
Connectors
Description
Connector 1
Connector 2
Type
7/16 DIN Male
7/16 DIN Female
Contact Material and Plating
Brass, Silver
Brass, Silver
Coupling Nut Material and Plating
Brass, Silver
Hex Size
7/16 Inch
Torque
25 in-lbs [2.83 Nm]
Body Material and Plating
Brass, Silver
Brass, Silver
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
• Values at 25 °C, sea level
• Calculated Heatsink Thermal Rise: .7C / Watt
PE7418-20
PE7418-20 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 20 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Black Aluminum Heat-
sink Body Rated To 300 Watts Up To 3 GHz PE7418-20
20 dB Fixed Attenuator, 7/16 DIN Male To 7/16
DIN Female Directional Black Aluminum Heatsink
Body Rated To 300 Watts Up To 3 GHz


Similar Part No. - PE7418-20

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7418-10 PASTERNACK-PE7418-10 Datasheet
301Kb / 3P
   10 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7418-3 PASTERNACK-PE7418-3 Datasheet
301Kb / 3P
   3 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7418-30 PASTERNACK-PE7418-30 Datasheet
301Kb / 3P
   30 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7418-40 PASTERNACK-PE7418-40 Datasheet
301Kb / 3P
   40 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7418-50 PASTERNACK-PE7418-50 Datasheet
302Kb / 3P
   50 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
More results

Similar Description - PE7418-20

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7420-20 PASTERNACK-PE7420-20 Datasheet
301Kb / 3P
   20 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7417-20 PASTERNACK-PE7417-20 Datasheet
300Kb / 3P
   20 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7419-20 PASTERNACK-PE7419-20 Datasheet
301Kb / 3P
   20 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7418-3 PASTERNACK-PE7418-3 Datasheet
301Kb / 3P
   3 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7420-3 PASTERNACK-PE7420-3 Datasheet
301Kb / 3P
   3 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7417-3 PASTERNACK-PE7417-3 Datasheet
300Kb / 3P
   3 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7419-3 PASTERNACK-PE7419-3 Datasheet
301Kb / 3P
   3 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7418-10 PASTERNACK-PE7418-10 Datasheet
301Kb / 3P
   10 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7418-30 PASTERNACK-PE7418-30 Datasheet
301Kb / 3P
   30 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
PE7420-50 PASTERNACK-PE7420-50 Datasheet
301Kb / 3P
   50 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com