Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G991 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G991
Description  1.6X Linear Fan Driver with VO Fully On Control
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G991 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G991 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G991 Datasheet HTML 2Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ver: 1.0
May 29, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G995
Global Mixed-mode Technology Inc.
1.6X Linear Fan Driver with VO Fully On Control
Features
VO Follows 1.6 Times of VSET
150mV Dropout @ 0.5A
Over Current and Over Temperature Protection
FON Pin to Turn VO Fully On
Power SOP-8 Package
Applications
Notebook Computer Fan Driver
Battery Powered Systems
Motherboards
Peripheral Cards
General Description
The G995 is a high performance positive voltage
regulator designed for use in applications requiring
very low dropout voltage at up to 0.5 Amps. The G995
VO output voltage follows the 1.6 times of VSET volt-
age until it reaches VIN voltage. The VSET voltage
must be larger than 1V to guarantee VO 1.6 times of
VSET. An
FON pin turns VO output fully on when
given low. The G995 provides excellent regulation
over variations in line, load and temperature.
The G995 is available in the power SOP-8 package.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Pb free)
G995P1U
G995
-40°C ~ +85°C
SOP-8
Note: P1: SOP-8
U: Tape & Reel
Pin Configuration
Typical Application Circuit
VO
8
6
5
1
2
3
4
FON
VIN
VSET
SOP-8
G995
7
GND
GND
GND
GND
VIN
VO
VSET
FON
VIN
VO
GND
G995
VO =1.6 X VSET
C
IN
2.2µF
C
O
2.2µF
FON
VSET
VO
8
6
5
1
2
3
4
FON
VIN
VSET
SOP-8
G995
7
GND
GND
GND
GND
VIN
VO
VSET
FON
VIN
VO
GND
G995
VO =1.6 X VSET
C
IN
2.2µF
C
O
2.2µF
FON
VSET


Similar Part No. - G991

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9915 GMT-G9915 Datasheet
94Kb / 1P
   1.5A Low Dropout Regulator
More results

Similar Description - G991

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR18115 UTC-LR18115 Datasheet
162Kb / 6P
   1.6X LINEAR FAN DRIVER WITH VOUT FULLY ON CONTROL
logo
Advanced Power Electron...
APE8876 A-POWER-APE8876 Datasheet
453Kb / 10P
   1.6X LINEAR FAN DRIVER WITH VOUT FULLY ON CONTROL
logo
Diodes Incorporated
AP2113 DIODES-AP2113 Datasheet
585Kb / 13P
   1.6x Linear DC Fan Driver with VOUT Fully on Control
Mar. 2012 Rev 1. 3
logo
BCD Semiconductor Manuf...
AP2113 BCDSEMI-AP2113 Datasheet
586Kb / 13P
   1.6x Linear DC Fan Driver with VOUT Fully on Control
logo
Global Mixed-mode Techn...
G990 GMT-G990 Datasheet
61Kb / 2P
   1.6X Linear Fan Driver
G996 GMT-G996 Datasheet
153Kb / 1P
   1.6X Linear Fan Driver
logo
Advanced Power Electron...
APE8873 A-POWER-APE8873 Datasheet
242Kb / 5P
   1.6X LINEAR REGULATOR FOR DC FAN DRIVER CONTROL
logo
BCD Semiconductor Manuf...
AP2113A BCDSEMI-AP2113A Datasheet
457Kb / 12P
   1.6x Linear Fan Driver with Enable Function
logo
Advanced Power Electron...
APE8875 A-POWER-APE8875 Datasheet
348Kb / 9P
   1.6X LINEAR REGULATOR FOR DC FAN DRIVER
logo
Analog Intergrations Co...
AIC1993 AIC-AIC1993_15 Datasheet
304Kb / 8P
   Linear Fan Control Driver IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com