Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T494U685K020AS Datasheet(PDF) 3 Page - Kemet Corporation

Part # T494U685K020AS
Description  SOLID TANTALUM CHIP CAPACITORS
(T494
SERIES - Low ESR, Industrial Grade)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T494U685K020AS Datasheet(HTML) 3 Page - Kemet Corporation

  T494U685K020AS Datasheet HTML 1Page - Kemet Corporation T494U685K020AS Datasheet HTML 2Page - Kemet Corporation T494U685K020AS Datasheet HTML 3Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Print Week Code:
1st Digit = Year
2nd & 3rd Digits = Week
"227" = The 27th week of 2002
Polarity
Indicator (+)
(
Denotes T494)
Picofarad
Code
KEMET
I. D. Symbol
Rated
Voltage
107
10 K
227
CONSTRUCTION
CAPACITOR MARKINGS
T494 Series — All Case Sizes
Negative
Termination*
Mn02 Coat
(First Layer)
Silver Paint
(Third Layer)
Tantalum
Wire
Carbon
(Second Layer)
Tantalum
(Ta2O5)
Molded
Case
Silver Adhesive
Washer
Positive
Termination*
Weld
Polarity
Stripe (+)
Polarity
Bevel (+)
*Termination Solder Coating 90 Sn/10Pb
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
23
KEMET
®
SOLID TANTALUM CHIP CAPACITORS
T494 SERIES—Low ESR, Industrial Grade
T494 RATINGS & PART NUMBER REFERENCE
*Extended Values
**6 Volt product equivalent to 6.3 volt product.
(1) To complete KEMET Part Number, insert M for ±20% tolerance or K for ±10% tolerance.
Higher voltage ratings, lower ESR, and tighter capacitance tolerance product may be
substituted within the same size at KEMET's option. Voltage substitutions will be marked
with the higher voltage rating.
#Maximum Capacitance Change @ 125ºC=+15%.
†Maximum Capacitance Change @ 125ºC=+20%.
New Values in Red
Capaci-
tance
µF
Case
Size
KEMET
Part Number
DC
Leakage
µA @
25°C Max
DF %
@ +25ºC
120 Hz
Max
ESR
@ +25ºC
100 kHz
Max
1.0
A
T494A105(1)016AS
0.5
4.0
6.0
1.5
A
T494A155(1)016AS
0.5
6.0
6.0
2.2
A
T494A225(1)016AS
0.5
6.0
4.0
2.2
*S
T494S225(1)016AS
0.5
6.0
10.0
#2.2
*R
T494R225M016AS
0.5
8.0
20.0
3.3
B
T494B335(1)016AS
0.5
6.0
2.0
3.3
A
T494A335(1)016AS
0.5
6.0
4.0
4.7
B
T494B475(1)016AS
0.8
6.0
1.5
4.7
A
T494A475(1)016AS
0.8
6.0
3.0
4.7
T
T494T475(1)016AS
0.8
6.0
3.0
6.8
C
T494C685(1)016AS
1.1
6.0
0.8
6.8
B
T494B685(1)016AS
1.1
6.0
1.2
#6.8
*A
T494A685(1)016AS
1.1
6.0
3.0
10.0
C
T494C106(1)016AS
1.6
6.0
0.6
10.0
U
T494U106(1)016AS
1.6
6.0
1.0
10.0
B
T494B106(1)016AS
1.6
6.0
0.8
#10.0
*A
T494A106(1)016AS
1.6
10.0
3.0
#10.0
*T
T494T106M016AS
1.6
8.0
6.0
15.0
C
T494C156(1)016AS
2.4
6.0
0.4
15.0
U
T494U156(1)016AS
2.4
6.0
0.8
#15.0
*B
T494B156(1)016AS
2.4
6.0
0.8
22.0
D
T494D226(1)016AS
3.6
6.0
0.25
22.0
C
T494C226(1)016AS
3.6
6.0
0.35
#22.0
*U
T494U226(1)016AS
3.6
10.0
1.80
#22.0
*B
T494B226(1)016AS
3.6
6.0
1.00
33.0
D
T494D336(1)016AS
5.3
6.0
0.25
#33.0
*C
T494C336(1)016AS
5.3
6.0
0.30
#33.0
*U
T494U336(1)016AS
5.3
12
2.20
47.0
D
T494D476(1)016AS
7.5
6.0
0.2
47.0
V
T494V476(1)016AS
7.5
6.0
0.3
#47.0
*C
T494C476(1)016AS
7.5
6.0
0.5
68.0
*D
T494D686(1)016AS
10.9
6.0
0.15
#68.0
*V
T494V686(1)016AS
10.9
6.0
0.5
100.0
X
T494X107(10)016AS
16.0
8.0
0.15
#100.0
*D
T494D107(1)016AS
16.0
8.0
0.15
#100.0
*V
T494V107(1)016AS
16.0
12.0
0.5
#150.0
*X
T494X157(1)016AS
24.0
8.0
0.15
#150.0
*D
T494D157(1)016AS
24.0
12.0
0.4
0.7
A
T494A684(1)020AS
0.5
4.0
8.0
1.0
A
T494A105(1)020AS
0.5
4.0
5.5
1.0
S
T494S105(1)020AS
0.5
6.0
10.0
†1.0
R
T494R105M020AS
0.2
6.0
15.0
1.5
A
T494A155(1)020AS
0.5
6.0
4.5
1.5
S
T494S155(1)020AS
0.5
6.0
9.0
2.2
B
T494B225(1)020AS
0.5
6.0
1.5
2.2
A
T494A225(1)020AS
0.5
6.0
4.0
3.3
B
T494B335(1)020AS
0.7
6.0
1.3
#3.3
*A
T494A335(1)020AS
0.7
6.0
4.0
3.3
*T
T494T335(1)020AS
0.7
6.0
4.0
4.7
C
T494C475(1)020AS
1.0
6.0
0.6
4.7
B
T494B475(1)020AS
1.0
6.0
1.0
#4.7
*A
T494A475M020AS
1.0
8.0
3.0
6.8
C
T494C685(1)020AS
1.4
6.0
0.6
6.8
U
T494U685(1)020AS
1.4
6.0
1.4
#6.8
*B
T494B685(1)020AS
1.4
6.0
1.0
10.0
C
T494C106(1)020AS
2.0
6.0
0.5
10.0
U
T494U106(1)020AS
2.0
6.0
0.8
#10.0
*B
T494B106(1)020AS
2.0
6.0
1.0
15.0
D
T494D156(1)020AS
3.0
6.0
0.35
15.0
*C
T494C156(1)020AS
3.0
6.0
0.40
22.0
D
T494D226(1)020AS
4.4
6.0
0.3
22.0
V
T494V226(1)020AS
4.4
6.0
0.4
#22.0
*C
T494C226(1)020AS
4.4
6.0
0.4
33.0
D
T494D336(1)020AS
6.6
6.0
0.25
#33.0
*C
T494C336M020AS
6.6
6.0
0.40
†33.0
V
T494V336M020AS
6.6
8.0
0.40
47.0
*D
T494D476(1)020AS
9.4
6.0
0.2
68.0
X
T494X686(1)020AS
13.6
6.0
0.2
#68.0
*D
T494D686(1)020AS
13.6
8.0
0.2
#100.0
*X
T494X107(1)020AS
20.0
8.0
0.15
16 Volt Rating at +85ºC (10 Volt Rating at + 125ºC)
20 Volt Rating at +85ºC (13 Volt Rating at +125ºC)
Capaci-
tance
µF
Case
Size
KEMET
Part Number
DC
Leakage
µA @
25°C Max
DF %
@ +25ºC
120 Hz
Max
ESR
@ +25ºC
100 kHz
Max
0.3
A
T494A334(1)025AS
0.5
4.0
10.0
0.5
A
T494A474(1)025AS
0.5
4.0
9.0
0.7
A
T494A684(1)025AS
0.5
4.0
6.0
1.0
B
T494B105(1)025AS
0.5
4.0
2.0
1.0
*A
T494A105(1)025AS
0.5
4.0
4.0
1.5
B
T494B155(1)025AS
0.5
6.0
1.5
1.5
*A
T494A155(1)025AS
0.5
6.0
3.0
2.2
C
T494C225(1)025AS
0.6
6.0
2.2
2.2
B
T494B225(1)025AS
0.6
6.0
1.2
3.3
C
T494C335(1)025AS
0.9
6.0
1.2
3.3
*B
T494B335(1)025AS
0.9
6.0
2.0
4.7
C
T494C475(1)025AS
1.2
6.0
0.6
#4.7
*B
T494B475M025AS
1.2
6.0
1.0
6.8
C
T494C685(1)025AS
1.7
6.0
0.6
6.8
*B
T494B685(1)025AS
1.7
8.0
22.0
10.0
D
T494D106(1)025AS
2.5
6.0
0.4
10.0
*C
T494C106(1)025AS
2.5
6.0
0.6
15.0
D
T494D156(1)025AS
3.8
6.0
0.35
#15.0
*C
T494C156(1)025AS
3.8
6.0
0.90
22.0
D
T494D226(1)025AS
5.5
6.0
0.3
22.0
*C
T494C226(1)025AS
5.5
8.0
1.0
22.0
*V
T494V226(1)025AS
5.5
6.0
0.5
33.0
X
T494X336(1)025AS
8.3
6.0
0.3
#33.0
*D
T494D336(1)025AS
8.3
6.0
0.4
#47.0
*X
T494X476(1)025AS
11.8
6.0
0.3
†47.0
*D
T494D476M025AS
11.8
10.0
0.2
†68.0
*X
T494X686M025AS
17.0
8.0
0.3
0.10
A
T494A104(1)035AS
0.5
4.0
10.0
0.15
A
T494A154(1)035AS
0.5
4.0
6.0
0.22
A
T494A224(1)035AS
0.5
4.0
6.0
0.33
A
T494A334(1)035AS
0.5
4.0
6.0
0.47
B
T494B474(1)035AS
0.5
4.0
2.5
0.47
A
T494A474(1)035AS
0.5
4.0
4.0
0.68
B
T494B684(1)035AS
0.5
4.0
2.5
0.68
*A
T494A684(1)035AS
0.5
4.0
6.0
1.0
B
T494B105(1)035AS
0.5
4.0
2.0
1.0
*A
T494A105(1)035AS
0.5
4.0
6.0
1.5
C
T494C155(1)035AS
0.5
6.0
2.5
1.5
B
T494B155(1)035AS
0.5
6.0
3.0
2.2
C
T494C225(1)035AS
0.8
6.0
1.5
2.2
*B
T494B225(1)035AS
0.8
6.0
2.5
3.3
C
T494C335(1)035AS
1.2
6.0
0.8
#3.3
*B
T494B335M035AS
1.2
6.0
1.3
4.7
D
T494D475(1)035AS
1.7
6.0
0.7
4.7
C
T494C475(1)035AS
1.7
6.0
0.7
6.8
D
T494D685(1)035AS
2.4
6.0
0.5
6.8
*C
T494C685(1)035AS
2.4
6.0
0.9
10.0
D
T494D106(1)035AS
3.5
6.0
0.4
#10.0
*C
T494C106M035AS
3.5
6.0
1.2
#10.0
*V
T494V106(1)035AS
3.5
6.0
0.8
15.0
X
T494X156(1)035AS
5.3
6.0
0.30
15.0
*D
T494D156(1)035AS
5.3
6.0
0.35
#22.0
X
T494X226(1)035AS
7.7
6.0
0.3
#22.0
*D
T494D226(1)035AS
7.7
6.0
0.4
#33.0
*X
T494X336(1)035AS
11.6
6.0
0.3
#47.0
*X
T494X476(1)035AS
16.5
8.0
0.5
0.10
A
T494A104(1)050AS
0.5
4.0
10.0
0.15
B
T494B154(1)050AS
0.5
4.0
10.0
0.15
*A
T494A154(1)050AS
0.5
4.0
10.0
0.22
B
T494B224(1)050AS
0.5
4.0
10.0
0.33
B
T494B334(1)050AS
0.5
4.0
2.5
0.47
C
T494C474(1)050AS
0.5
4.0
1.8
0.47
*B
T494B474(1)050AS
0.5
4.0
2.0
0.68
C
T494C684(1)050AS
0.5
4.0
1.6
0.68
*B
T494B684(1)050AS
0.5
4.0
3.0
1.0
C
T494C105(1)050AS
0.5
4.0
1.6
#1.0
*V
T494V105M050AS
0.5
4.0
4.0
1.5
D
T494D155(1)050AS
0.8
6.0
1.0
1.5
*C
T494C155(1)050AS
0.8
6.0
1.5
2.2
D
T494D225(1)050AS
1.1
6.0
0.8
2.2
*C
T494C225(1)050AS
1.1
6.0
1.5
3.3
D
T494D335(1)050AS
1.7
6.0
0.8
4.7
D
T494D475(1)050AS
2.4
6.0
0.6
6.8
X
T494X685(1)050AS
3.5
6.0
0.5
#6.8
*D
T494D685M050AS
3.4
6.0
0.7
#10.0
X
T494X106M050AS
5.0
6.0
0.4
#15.0
*X
T494X156(1)050AS
7.5
6.0
0.4
50 Volt Rating at +85ºC (33 Volt Rating at +125ºC)
25 Volt Rating at +85ºC (17 Volt Rating at +125ºC)
35 Volt Rating at +85ºC (23 Volt Rating at +125ºC)


Similar Part No. - T494U685K020AS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T494U686004A KEMET-T494U686004A Datasheet
1Mb / 23P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T494 Industrial Grade Low ESR MnO2 Series
T494U686M010AT KEMET-T494U686M010AT Datasheet
1Mb / 4P
   (Low ESR, Surge Robust) 10 pcs.
More results

Similar Description - T494U685K020AS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T494B226M016AT KEMET-T494B226M016AT Datasheet
2Mb / 23P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T495D157K010ATE100 KEMET-T495D157K010ATE100 Datasheet
2Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T494A225K020AT KEMET-T494A225K020AT Datasheet
2Mb / 23P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T495A106K010ATE1K8 KEMET-T495A106K010ATE1K8 Datasheet
2Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T495D157M010ATE100 KEMET-T495D157M010ATE100 Datasheet
2Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T494A106K010AT KEMET-T494A106K010AT Datasheet
2Mb / 22P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T510E107K025AHE050 KEMET-T510E107K025AHE050 Datasheet
2Mb / 16P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T495A475K010ATE1K3 KEMET-T495A475K010ATE1K3 Datasheet
2Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T494C226M010AT KEMET-T494C226M010AT Datasheet
1Mb / 23P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T494 Industrial Grade Low ESR MnO2 Series
T494T336M004AT KEMET-T494T336M004AT Datasheet
2Mb / 22P
   T494 Industrial Grade Low ESR MnO2 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com