Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5245B Datasheet(PDF) 2 Page - Diotech Company.

Part # MMSZ5245B
Description  SURFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

MMSZ5245B Datasheet(HTML) 2 Page - Diotech Company.

  MMSZ5245B Datasheet HTML 1Page - Diotech Company. MMSZ5245B Datasheet HTML 2Page - Diotech Company. MMSZ5245B Datasheet HTML 3Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMSZ5221B ~ MMSZ5263B
SURFACE MOUNT ZENER DIODE
Electrical Characteristics @T
A=25°C unless otherwise specified
Nom
Min
Max
MMSZ5221B
2.4
2.28
2.52
20
30
0.25
1200
100
1.0
MMSZ5222B
2.5
2.38
2.63
20
30
0.25
1250
100
1.0
MMSZ5223B
2.7
2.57
2.84
20
30
0.25
1300
75
1.0
MMSZ5224B
2.8
2.66
2.94
20
30
0.25
1400
75
1.0
MMSZ5225B
3.0
2.85
3.15
20
30
0.25
1600
50
1.0
MMSZ5226B
3.3
3.14
3.47
20
28
0.25
1600
25
1.0
MMSZ5227B
3.6
3.42
3.78
20
24
0.25
1700
15
1.0
MMSZ5228B
3.9
3.71
4.10
20
23
0.25
1900
10
1.0
MMSZ5229B
4.3
4.09
4.52
20
22
0.25
2000
5.0
1.0
MMSZ5230B
4.7
4.47
4.94
20
19
0.25
1900
5.0
2.0
MMSZ5231B
5.1
4.85
5.36
20
17
0.25
1600
5.0
2.0
MMSZ5232B
5.6
5.32
5.88
20
11
0.25
1600
5.0
3.0
MMSZ5233B
6.0
5.70
6.30
20
7
0.25
16900
5.0
3.5
MMSZ5234B
6.2
5.89
6.51
20
7
0.25
1000
5.0
4.0
MMSZ5235B
6.8
6.46
7.14
20
5
0.25
750
3.0
5.0
MMSZ5236B
7.5
7.13
7.88
20
6
0.25
500
3.0
6.0
MMSZ5237B
8.2
7.79
8.61
20
8
0.25
500
3.0
6.5
MMSZ5238B
8.7
8.27
9.14
20
8
0.25
600
3.0
6.5
MMSZ5239B
9.1
8.65
9.56
20
10
0.25
600
3.0
7.0
MMSZ5240B
10
9.50
10.50
20
17
0.25
600
3.0
8.0
MMSZ5241B
11
10.45
11.55
20
22
0.25
600
2.0
8.4
MMSZ5242B
12
11.40
12.60
20
30
0.25
600
1.0
9.1
MMSZ5243B
13
12.35
13.65
9.5
13
0.25
600
0.5
9.9
MMSZ5244B
14
13.30
14.70
9.0
15
0.25
600
0.1
10.0
MMSZ5245B
15
14.25
15.75
8.5
16
0.25
600
0.1
11
MMSZ5246B
16
15.20
16.80
7.8
17
0.25
600
0.1
12
MMSZ5247B
17
16.15
17.85
7.4
19
0.25
600
0.1
13
MMSZ5248B
18
17.10
18.90
7.0
21
0.25
600
0.1
14
MMSZ5249B
19
18.05
19.95
6.6
23
0.25
600
0.1
14
MMSZ5250B
20
19.00
21.00
6.2
25
0.25
600
0.1
15
MMSZ5251B
22
20.90
23.10
5.6
29
0.25
600
0.1
17
MMSZ5252B
24
22.80
25.20
5.2
33
0.25
600
0.1
18
MMSZ5253B
25
23.75
26.25
5.0
35
0.25
600
0.1
19
MMSZ5254B
27
25.65
28.35
5.0
41
0.25
600
0.1
21
MMSZ5255B
28
26.60
29.40
4.5
44
0.25
600
0.1
21
MMSZ5256B
30
28.50
31.50
4.2
49
0.25
600
0.1
23
MMSZ5257B
33
31.35
34.65
3.8
58
0.25
700
0.1
25
MMSZ5258B
36
34.20
37.80
3.4
70
0.25
700
0.1
27
MMSZ5259B
39
37.05
40.95
3.2
80
0.25
800
0.1
30
MMSZ5260B
43
40.85
45.15
3.0
93
0.25
900
0.1
33
MMSZ5261B
47
44.65
49.35
2.7
105
0.25
1000
0.1
36
MMSZ5262B
51
48.45
53.55
2.5
125
0.25
1100
0.1
39
MMSZ5263B
56
53.20
58.80
2.2
150
0.25
1300
0.1
43
Notes:
1. The Zener Voltage (
VZ) is tested under pulse condition of 1ms.
2. The device numbers listed have a standard tolerance on the nominal zener voltage of
±5%.
4. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value
equal to 10% of the DC zener current (
IZT or IZK) is superimposed to IZT or IZK.
ZZK @ IZK(Ω)
Max
VZ @ IZT (Volt)
IR @ VR(μA)
Max
IZK(mA)
IZT
V
)
A
m
(
R
(V)
3. For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and
tighter voltage tolerances, contact your nearest
Taiwan semiconductor representative.
Part Number
ZZT @ IZT(Ω)
Max


Similar Part No. - MMSZ5245B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5245B PANJIT-MMSZ5245B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Microdiode Electronics ...
MMSZ5245B CHENDA-MMSZ5245B Datasheet
1,011Kb / 4P
   Surface mount zener diode
logo
Pan Jit International I...
MMSZ5245B PANJIT-MMSZ5245B Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
MMSZ5245B DIOTEC-MMSZ5245B Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
Pan Jit International I...
MMSZ5245B PANJIT-MMSZ5245B Datasheet
107Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - MMSZ5245B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com