Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S4580P Datasheet(PDF) 1 Page - AUK corp

Part # S4580P
Description  Dual OP AMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S4580P Datasheet(HTML) 1 Page - AUK corp

  S4580P Datasheet HTML 1Page - AUK corp S4580P Datasheet HTML 2Page - AUK corp S4580P Datasheet HTML 3Page - AUK corp S4580P Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSI-L012-000
1
S4580P
Dual OP AMP
F
Description
S4580P is the dual operational amplifier, specially designed for improving the tone control,
which is most suitable for the audio application. Featuring noiseless, higher gain bandwidth,
high output current and low distortion ratio, and it is most suitable not only for acoustic
electronic parts of audio pre-amp and active filter, but also for the industrial measurement
tools. It is also suitable for the head phone amp at higher output current, and further more,
it can be applied for the handy type set operational amplifier of general purpose in
application of low voltage single supply type which is properly biased of the input low
voltage source.
Features
• Operating voltage.
(±2V ~ ±18V)
• Low input noise voltage.
(0.8 rms typ.)
• Wide gain bandwidth product.
(15MHz typ.)
• Low distortion.
(0.0005% typ.)
• Slew rate.
(5V/typ.)
Ordering Information
Type NO.
Marking
Package Code
S4580P
S4580P
SOP-8
Outline Dimensions
unit : mm
S
Seem
miiccoon
nd
du
uccttoorr
Block Diagram


Similar Part No. - S4580P

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S4580P KODENSHI-S4580P Datasheet
147Kb / 5P
   Dual OP AMP
More results

Similar Description - S4580P

ManufacturerPart #DatasheetDescription
logo
AUK corp
S4580 AUK-S4580 Datasheet
358Kb / 5P
   Dual OP AMP
logo
Guangdong Youtai Semico...
LM358A UMW-LM358A Datasheet
397Kb / 5P
   Dual op amp
logo
KODENSHI_AUK CORP.
SN4580 KODENSHI-SN4580 Datasheet
218Kb / 7P
   Dual OP AMP
logo
Guangdong Youtai Semico...
LM258DR UMW-LM258DR Datasheet
469Kb / 5P
   Dual op amp
logo
KODENSHI_AUK CORP.
S4580P KODENSHI-S4580P Datasheet
147Kb / 5P
   Dual OP AMP
logo
Guangdong Youtai Semico...
LM2904DR UMW-LM2904DR Datasheet
466Kb / 5P
   Dual op amp
LM158DR UMW-LM158DR Datasheet
470Kb / 5P
   Dual op amp
logo
Linear Technology
LT1013 LINER-LT1013_15 Datasheet
519Kb / 26P
   Dual Precision Op Amp
logo
Linear Dimensions Semic...
LT1013CN8 LINEAR_DIMENSIONS-LT1013CN8 Datasheet
519Kb / 26P
   Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
Linear Technology
LT1013 LINER-LT1013_1 Datasheet
291Kb / 24P
   Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com