Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S494P Datasheet(PDF) 7 Page - AUK corp

Part # S494P
Description  Pulse Width Modulation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S494P Datasheet(HTML) 7 Page - AUK corp

  S494P Datasheet HTML 1Page - AUK corp S494P Datasheet HTML 2Page - AUK corp S494P Datasheet HTML 3Page - AUK corp S494P Datasheet HTML 4Page - AUK corp S494P Datasheet HTML 5Page - AUK corp S494P Datasheet HTML 6Page - AUK corp S494P Datasheet HTML 7Page - AUK corp S494P Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
KSI-L010-000
7
APPLICATION CIRCUIT
Fig. 6 Output Connections for Single-Ended
Fig. 7 Error Amplifier Sensing Techniques
and Push-Pull Configurations
Fig. 8 Slaving Tow or More Control Circuits
Fig. 9Error Amplifier and Current Limit
Sense Amplifier Output Circuits
RT
CT
6
5
RT
CT
6
5
14
14
RT
CT
V REF
V REF
MASTER
SLAV E
(ADDITIONAL
CIRCUITS)
0.6mA
Vcc
V REF
TO REMAINDER
OF ERROR
AMPLIFIER
CIRCUIT
TO REMAINDER
OF ERROR
AMPLIFIER
CIRCUIT
TO COMPENSATION
PWM COMPARATOR
INPUT
S494P
OUTPUT
CONTROL
0 < VOC < 4V
Q1
Q2
8
9
11
10
C1
E1
C2
E2
QC
QE
SINGLE-ENDED CONFIGURATION
1 TO 500 mA(MAX)
OUTPUT
CONTROL
2.4V<VOC<VREF
Q1
Q2
8
9
11
10
C1
E1
C2
E2
PUSH-PULL CONFIGURATION
250 mA(MAX)
250 mA(MAX)
2(15) -
ERROR
AMP
1(16) +
R1
R2
VREF
TO OUTPUT
VOLTAGE OF
SYSTEM
POSITIVE OUTPUT
VOLTAGE
3
Vo
+
-
1(16)
2(15)
3
VREF
Vo
TO OUTPUT
VOLTAGE OF
SYSTEM
R1
R2
NEGATIVE OUTPUT
VOLTAGE
Vo = -V REF R1
R2


Similar Part No. - S494P

ManufacturerPart #DatasheetDescription
logo
AUK corp
S494P AUK-S494P Datasheet
353Kb / 9P
   Pulse Width Modulation
S494P AUK-S494P_1 Datasheet
353Kb / 9P
   Pulse Width Modulation
More results

Similar Description - S494P

ManufacturerPart #DatasheetDescription
logo
AUK corp
S494P AUK-S494P_1 Datasheet
353Kb / 9P
   Pulse Width Modulation
S494 AUK-S494 Datasheet
339Kb / 8P
   Pulse Width Modulation
logo
Suntac Electronic Corp.
STC494 SUNTAC-STC494 Datasheet
236Kb / 8P
   Pulse Width Modulation
logo
Daewoo Semiconductor
DBL494 DAEWOO-DBL494 Datasheet
329Kb / 6P
   PULSE WIDTH MODULATION
logo
AUK corp
S494 AUK-S494_1 Datasheet
350Kb / 9P
   Pulse Width Modulation
logo
Cirrus Logic
SA03 APEX-SA03_06 Datasheet
269Kb / 4P
   PULSE WIDTH MODULATION AMPLIFIER
SA01 APEX-SA01 Datasheet
269Kb / 4P
   PULSE WIDTH MODULATION AMPLIFIER
SA08 APEX-SA08 Datasheet
239Kb / 4P
   PULSE WIDTH MODULATION AMPLIFIERS
SA305 APEX-SA305 Datasheet
562Kb / 6P
   PULSE WIDTH MODULATION AMPLIFIER
SA305 APEX-SA305_07 Datasheet
428Kb / 8P
   PULSE WIDTH MODULATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com