Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1301080102 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301080102
Description  Super-Safeway Twin Tube 80W Fluorescent Work Light 12V
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301080102 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301080102 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301080102
Status:
Active
Overview:
Wide-Area Lighting Products
Description:
Super-Safeway™ Twin Tube 80W Fluorescent Work Light 12V, Cord Type 12/3 SOOW
Feed Thru 1.22m (4.0') Cord Length
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR85374
UL
E174254
General
Product Family
Portable Lighting
Series
130108
NEMA Configuration
Non-NEMA
Outlet
Feed-Through
Overview
Wide-Area Lighting Products
Product Literature Order No
987650-8054
Product Name
Super-Safeway™
Type
Wide Area Lamps
UPC
78678813102
Woodhead
Yes
Physical
Cord Length - Primary
1.22m (4.0')
Cord Length - Secondary
0.152m (6.00" )
Depth
190.75mm (7.510")
Duty
Industrial
Guard Included
No
Guard Type
N/A
Height
82.55mm (3.250")
Length
636.00mm (25.039")
Material - Globe
Butyrate
Material - Guard
Nitrile Rubber 80 Shore A
Mounting Style
Adjustable Brackets
Packaging Type
Carton
Socket Construction
N/A
Electrical
Bulb Type
Fluorescent
Cord Type - Primary
12/3 SOOW
Lamp Type
PL-L 40/41
Lamp Wattage - Maximum
80W
Lumens
6300
On/Off Switch
No
Voltage (Fixture) - Maximum
12V AC/DC
Material Info
Old Part Number
1052-PL12
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130108 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301080102

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301080101 MOLEX11-1301080101 Datasheet
44Kb / 1P
   Super-Safeway Twin Tube 80W Fluorescent Work Light, Cord Type 12/3 SOOW
1301080103 MOLEX11-1301080103 Datasheet
44Kb / 1P
   Super-Safeway Twin Tube 160W Fluorescent Work Light 4 Lamps
1301080104 MOLEX11-1301080104 Datasheet
44Kb / 1P
   Super-Safeway Twin Tube 160W Fluorescent Work Light 4 Lamps with 16/3 SJTW
1301080105 MOLEX11-1301080105 Datasheet
44Kb / 1P
   Super-Safeway Twin Tube 160W Fluorescent Work Light 4 Lamps
1301080106 MOLEX11-1301080106 Datasheet
31Kb / 1P
   Super-Safeway 13W Fluorescent Hand Lamp with Switch Cord Ballast Location,
More results

Similar Description - 1301080102

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301080095 MOLEX11-1301080095 Datasheet
44Kb / 1P
   Super-Safeway Twin Tube 80W Fluorescent Work Light 12V, Cord Type 12/3 SOOW
1301080094 MOLEX11-1301080094 Datasheet
44Kb / 1P
   Super-Safeway Twin Tube 80W Fluorescent Work Light, Cord Type 16/3 SJTW
1301080101 MOLEX11-1301080101 Datasheet
44Kb / 1P
   Super-Safeway Twin Tube 80W Fluorescent Work Light, Cord Type 12/3 SOOW
1301080097 MOLEX11-1301080097 Datasheet
44Kb / 1P
   Super-Safeway Twin Tube 64W Fluorescent Work Light 12V, Cord Type 12/3
1301080105 MOLEX11-1301080105 Datasheet
44Kb / 1P
   Super-Safeway Twin Tube 160W Fluorescent Work Light 4 Lamps
1301080103 MOLEX11-1301080103 Datasheet
44Kb / 1P
   Super-Safeway Twin Tube 160W Fluorescent Work Light 4 Lamps
1301080093 MOLEX11-1301080093 Datasheet
44Kb / 1P
   Super-Safeway Twin Tube 64W Fluorescent Work Light 12V, Cord Type 14/3 SJOOW
130108-0098 MOLEX11-130108-0098 Datasheet
43Kb / 1P
   Super-Safeway Twin Tube 80W Fluorescent Work Light with 12/3 SJTW Feed Thru 7.62m
1301080162 MOLEX11-1301080162 Datasheet
44Kb / 1P
   Super-Safeway Twin Tube 64W Fluorescent Work Light with 16/3 SJOW 7.62m
1301080151 MOLEX11-1301080151 Datasheet
44Kb / 1P
   Super-Safeway Twin Tube 30W Fluorescent Work Light, Cord Type 16/3 SJOW
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com