Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK316BJ475ML Datasheet(PDF) 6 Page - AUK corp

Part # LMK316BJ475ML
Description  Low Drop Output Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

LMK316BJ475ML Datasheet(HTML) 6 Page - AUK corp

  LMK316BJ475ML Datasheet HTML 1Page - AUK corp LMK316BJ475ML Datasheet HTML 2Page - AUK corp LMK316BJ475ML Datasheet HTML 3Page - AUK corp LMK316BJ475ML Datasheet HTML 4Page - AUK corp LMK316BJ475ML Datasheet HTML 5Page - AUK corp LMK316BJ475ML Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
KSI-2012-006
6
S52xxM
Output Capacitor Selection
AUK strongly recommends the use of low ESR(Equivalent series resistance) ceramic
capacitors for Cout and CN . The S52xxM is stable with low ESR capacitor (as low as zero Ω).
The value of the output capacitor should be 1uF or higher. Either ceramic chip or a
tantalum capacitor may be used at the output. Use of ceramic chip capacitors offer
significant advantages over tantalum capacitors. A Ceramic capacitor is typically cheaper
than a tantalum capacitor, it usually has a smaller footprint, lower height, and lighter
weight than a tantalum capacitor. Furthermore, unlike tantalum capacitors which are
polarized and can be damaged if connected incorrectly, ceramic capacitors are non-
polarized. Low value ceramic chip capacitors with X5R or X7R dielectric are available in the
100pF to 4.7uF range. Beware of using ceramic capacitors with Y5V dielectric since their
ESR increases significantly at cold temperatures. Figure 9 shows a list of recommended
ceramic capacitors for use at the output of S52xxM.
If a tantalum output capacitor is used then for stable operation AUK recommends a low
ESR tantalum capacitor with maximum rated ESR at or below 0.4Ω. Low ESR tantalum
capacitors, such as the TPS series from AVX Corporation (www.avxcorp.com) or the T495
series from Kemet (www.kemet.com) may be used.
In applications where a high output surge current can be expected, use a high value but
low ESR output capacitor for superior load transient response. The S52xxM is stable with
no load.
COUT
Capacitor Size
IOUT
Dielectric
Part Number
Capacitor Vendor
1
µF
0805
0 to 150mA
X5R
C2012X5R1A105KT
TDK
′′
0805
′′
X7R
GRM40X7R105K010
muRata
′′
0805
′′
X7R
LMK212BJ105KG
Taiyo-Yuden
′′
1206
′′
X7R
GRM42-6X7R105K016
muRata
′′
1206
′′
X7R
EMK316BJ105KL
Taiyo-Yuden
′′
1206
′′
X5R
TMK316BJ105KL
Taiyo-Yuden
2.2
µF
0805
0 to 150mA
X5R
GRM40X5R225K 6.3
muRata
′′
0805
′′
X5R
C2012X5R0J225KT
TDK
′′
1206
′′
X5R
EMK316BJ225ML
Taiyo-Yuden
4.7
µF
1206
0 to 150mA
X5R
GRM42-6X5R475K010
MuRata
′′
1206
′′
X7R
LMK316BJ475ML
Taiyo-Yuden
Fig. 9


Similar Part No. - LMK316BJ475ML

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LMK316BJ475MLHT TAIYO-YUDEN-LMK316BJ475MLHT Datasheet
291Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
More results

Similar Description - LMK316BJ475ML

ManufacturerPart #DatasheetDescription
logo
AUK corp
S78DL05L AUK-S78DL05L Datasheet
223Kb / 3P
   Low Drop output Voltage Regulator
S5225M AUK-S5225M Datasheet
427Kb / 7P
   Low Drop Output Voltage Regulator
S78DL05F AUK-S78DL05F_06 Datasheet
219Kb / 3P
   Low Drop output Voltage Regulator
S78DL05L AUK-S78DL05L_07 Datasheet
159Kb / 4P
   Low Drop output Voltage Regulator
S78DL33L AUK-S78DL33L_07 Datasheet
155Kb / 4P
   Low Drop output Voltage Regulator
logo
KODENSHI_AUK CORP.
S78DL33 KODENSHI-S78DL33 Datasheet
99Kb / 4P
   Low Drop output Voltage Regulator
S78DL05 KODENSHI-S78DL05 Datasheet
99Kb / 4P
   Low Drop output Voltage Regulator
logo
AUK corp
S78DL33F AUK-S78DL33F_07 Datasheet
153Kb / 4P
   Low Drop output Voltage Regulator
S78DL33 AUK-S78DL33 Datasheet
218Kb / 3P
   Low Drop output Voltage Regulator
S78DL05 AUK-S78DL05_07 Datasheet
153Kb / 4P
   Low Drop output Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com