Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1301080121 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301080121
Description  Super-Safeway 13W Fluorescent Machine Light, Screw Mount 24V with 18/3
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301080121 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301080121 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301080121
Status:
Active
Overview:
Hand Lamps
Description:
Super-Safeway™ 13W Fluorescent Machine Light, Screw Mount 24V with 18/3
SJTOOW Cord Type, Overall Cord Length 4.57m (15.0')
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR85374
General
Product Family
Portable Lighting
Series
130108
NEMA Configuration
N/A
Outlet
None
Overview
Hand Lamps
Product Literature Order No
987650-8054
Product Name
Super-Safeway™
Type
Hand Lamps
UPC
78678867258
Woodhead
Yes
Physical
Cord Length - Primary
4.57m (15.0')
Cord Length - Secondary
N/A
Depth
76.20mm (3.000")
Duty
Industrial
Guard Included
No
Guard Type
N/A
Height
57.15mm (2.250")
Length
552.45mm (21.750")
Material - Globe
Butyrate
Material - Guard
Nitrile Rubber 80 Shore A
Mounting Style
Magnetic-Bracket
Packaging Type
Carton
Socket Construction
N/A
Electrical
Bulb Type
Fluorescent
Cord Type - Primary
18/3 SJTOOW
Lamp Type
PL13/41
Lamp Wattage - Maximum
13W
Lumens
900
On/Off Switch
Yes
Voltage (Fixture) - Maximum
24V DC
Material Info
Old Part Number
1083-3MM-24
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130108 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301080121

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301080120 MOLEX11-1301080120 Datasheet
36Kb / 1P
   Super-Safeway 13W Fluorescent Machine Light, Magnet Mount with 18/3 SJTOOW
1301080123 MOLEX11-1301080123 Datasheet
31Kb / 1P
   Super-Safeway 13W Fluorescent Hand Lamp 110V with Cord Ballast Location and Switch,
1301080125 MOLEX11-1301080125 Datasheet
31Kb / 1P
   Super-Safeway 13W Fluorescent Hand Lamp with Cord Ballast Location and Switch
1301080126 MOLEX11-1301080126 Datasheet
31Kb / 1P
   Super-Safeway 13W Fluorescent Hand Lamp 230V with Cord Ballast Location and Switch
1301080128 MOLEX11-1301080128 Datasheet
31Kb / 1P
   Super-Safeway 13W Fluorescent Hand Lamp Ballast in Handle with Handle Ballast
More results

Similar Description - 1301080121

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301080119 MOLEX11-1301080119 Datasheet
36Kb / 1P
   Super-Safeway 13W Fluorescent Machine Light, Screw Mount with 18/3 SJTOOW
1301080120 MOLEX11-1301080120 Datasheet
36Kb / 1P
   Super-Safeway 13W Fluorescent Machine Light, Magnet Mount with 18/3 SJTOOW
1301080146 MOLEX11-1301080146 Datasheet
36Kb / 1P
   Super-Safeway 40W Fluorescent Machine Light, Screw Mount with 18/3 SJTOOW
1301080141 MOLEX11-1301080141 Datasheet
36Kb / 1P
   Super-Safeway 27W Fluorescent Machine Light Screw Mount with 18/3 SJTOOW
130108-0142 MOLEX11-130108-0142 Datasheet
43Kb / 1P
   Super-Safeway 27W Fluorescent Machine Light, Magnet Mount with 18/3 SJTOOW
1301080148 MOLEX11-1301080148 Datasheet
36Kb / 1P
   Super-Safeway 40W Fluorescent Machine Light, Magnet Mount with 18/3 SJTOOW
1301100029 MOLEX11-1301100029 Datasheet
39Kb / 1P
   Pro-Yellow 13W Fluorescent Screw Mount Machine Light, with Molded 18/2 Cord
1301080207 MOLEX11-1301080207 Datasheet
36Kb / 1P
   Watertite Wet Location 13W Fluorescent Screw Mount Machine Light
1301080206 MOLEX11-1301080206 Datasheet
36Kb / 1P
   Watertite Wet Location 13W Fluorescent Magnet Mount Machine Light, with 16/3
1301100028 MOLEX11-1301100028 Datasheet
39Kb / 1P
   Pro-Yellow 13W Fluorescent Magnet Mount Machine Light, with Molded 182 Cord Type,
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com