Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1301080128 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301080128
Description  Super-Safeway 13W Fluorescent Hand Lamp Ballast in Handle with Handle Ballast
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301080128 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301080128 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301080128
Status:
Active
Overview:
Hand Lamps
Description:
Super-Safeway™ 13W Fluorescent Hand Lamp Ballast in Handle with Handle Ballast
Location and Switch, Cord Type 16/3 SJTOW, Cord Length 7.62m (25.0')
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR85374
UL
E59049
General
Product Family
Portable Lighting
Series
130108
NEMA Configuration
NEMA 5-15
Outlet
None
Overview
Hand Lamps
Product Literature Order No
987650-8053
Product Name
Super-Safeway™
Type
Hand Lamps
UPC
78678861286
Woodhead
Yes
Physical
Cord Length - Primary
7.62m (25.0')
Cord Length - Secondary
N/A
Depth
38.10mm (1.500")
Duty
Industrial
Guard Included
No
Guard Type
N/A
Height
66.04mm (2.600")
Length
431.80mm (17.000")
Material - Globe
Butyrate
Material - Guard
Nitrile Rubber 80 Shore A
Mounting Style
Hand Held
Packaging Type
Carton
Socket Construction
N/A
Electrical
Bulb Type
Fluorescent
Cord Type - Primary
16/3 SJTOW
Lamp Type
PL13/41
Lamp Wattage - Maximum
13W
Lumens
900
On/Off Switch
Yes
Voltage (Fixture) - Maximum
120VAC 60 HZ
Material Info
Old Part Number
1086-3
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130108 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301080128

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301080120 MOLEX11-1301080120 Datasheet
36Kb / 1P
   Super-Safeway 13W Fluorescent Machine Light, Magnet Mount with 18/3 SJTOOW
1301080121 MOLEX11-1301080121 Datasheet
36Kb / 1P
   Super-Safeway 13W Fluorescent Machine Light, Screw Mount 24V with 18/3
1301080123 MOLEX11-1301080123 Datasheet
31Kb / 1P
   Super-Safeway 13W Fluorescent Hand Lamp 110V with Cord Ballast Location and Switch,
1301080125 MOLEX11-1301080125 Datasheet
31Kb / 1P
   Super-Safeway 13W Fluorescent Hand Lamp with Cord Ballast Location and Switch
1301080126 MOLEX11-1301080126 Datasheet
31Kb / 1P
   Super-Safeway 13W Fluorescent Hand Lamp 230V with Cord Ballast Location and Switch
More results

Similar Description - 1301080128

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301080133 MOLEX11-1301080133 Datasheet
41Kb / 1P
   Super-Safeway 13W Fluorescent Hand Lamp Ballast in Handle Only
1301080136 MOLEX11-1301080136 Datasheet
31Kb / 1P
   Super-Safeway 13W Fluorescent Hand Lamp Ballast in Handle with Switch
1301080134 MOLEX11-1301080134 Datasheet
31Kb / 1P
   Super-Safeway 13W Fluorescent Hand Lamp Ballast in Handle no Switch, Cord Type
1301080078 MOLEX11-1301080078 Datasheet
31Kb / 1P
   Super-Safeway 15W Fluorescent Hand Lamp Handle Ballast Location with Switch
1301080140 MOLEX11-1301080140 Datasheet
34Kb / 1P
   Super-Safeway 27W Fluorescent Hand Lamp Ballast in Handle 110V with 18/3
1301080083 MOLEX11-1301080083 Datasheet
31Kb / 1P
   Super-Safeway 15W Fluorescent Hand Lamp With Handle Ballast Location and Switch,
1301080106 MOLEX11-1301080106 Datasheet
31Kb / 1P
   Super-Safeway 13W Fluorescent Hand Lamp with Switch Cord Ballast Location,
130108-0122 MOLEX11-130108-0122 Datasheet
39Kb / 1P
   Super-Safeway 13W Fluorescent Hand Lamp no Switch with Cord Ballast Location
1301080125 MOLEX11-1301080125 Datasheet
31Kb / 1P
   Super-Safeway 13W Fluorescent Hand Lamp with Cord Ballast Location and Switch
1301080123 MOLEX11-1301080123 Datasheet
31Kb / 1P
   Super-Safeway 13W Fluorescent Hand Lamp 110V with Cord Ballast Location and Switch,
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com