Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDF5N02ZR2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MMDF5N02ZR2
Description  N?묬hannel Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF5N02ZR2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MMDF5N02ZR2 Datasheet HTML 2Page - ON Semiconductor MMDF5N02ZR2 Datasheet HTML 3Page - ON Semiconductor MMDF5N02ZR2 Datasheet HTML 4Page - ON Semiconductor MMDF5N02ZR2 Datasheet HTML 5Page - ON Semiconductor MMDF5N02ZR2 Datasheet HTML 6Page - ON Semiconductor MMDF5N02ZR2 Datasheet HTML 7Page - ON Semiconductor MMDF5N02ZR2 Datasheet HTML 8Page - ON Semiconductor MMDF5N02ZR2 Datasheet HTML 9Page - ON Semiconductor MMDF5N02ZR2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MMDF5N02Z
http://onsemi.com
6
t, TIME
Figure 11. Reverse Recovery Time (trr)
di/dt = 300 A/
µs
Standard Cell Density
High Cell Density
tb
trr
ta
trr
SAFE OPERATING AREA
The Forward Biased Safe Operating Area curves de-
fine the maximum simultaneous drain−to−source vol-
tage and drain current that a transistor can handle safely
when it is forward biased. Curves are based upon maxi-
mum peak junction temperature and a case temperature
(TC) of 25°C. Peak repetitive pulsed power limits are de-
termined by using the thermal response data in conjunc-
tion with the procedures discussed in AN569, “Transient
Thermal Resistance − General Data and Its Use.”
Switching between the off−state and the on−state may
traverse any load line provided neither rated peak current
(IDM) nor rated voltage (VDSS) is exceeded, and that the
transition time (tr, tf) does not exceed 10 µs. In addition
the total power averaged over a complete switching cycle
must not exceed (TJ(MAX) − TC)/(RθJC).
A power MOSFET designated E−FET can be safely
used in switching circuits with unclamped inductive
loads. For reliable operation, the stored energy from cir-
cuit inductance dissipated in the transistor while in ava-
lanche must be less than the rated limit and must be
adjusted for operating conditions differing from those
specified. Although industry practice is to rate in terms
of energy, avalanche energy capability is not a constant.
The energy rating decreases non−linearly with an in-
crease of peak current in avalanche and peak junction
temperature.
Figure 12. Maximum Rated Forward Biased
Safe Operating Area
0.1
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
1
10
VGS = 12 V
SINGLE PULSE
TC = 25°C
10
0.1
10 ms
1
100
100
1 ms
dc
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT


Similar Part No. - MMDF5N02ZR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF5N02Z MOTOROLA-MMDF5N02Z Datasheet
186Kb / 10P
   DUAL TMOS POWER MOSFET 5.0 AMPERES 20 VOLTS
More results

Similar Description - MMDF5N02ZR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGSF3442VT1 ONSEMI-MGSF3442VT1 Datasheet
175Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTW24N40E ONSEMI-MTW24N40E Datasheet
173Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2000 ??Rev. XXX
MTW16N40E ONSEMI-MTW16N40E Datasheet
123Kb / 8P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTSF3N02HD ONSEMI-MTSF3N02HD Datasheet
304Kb / 12P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 6
NTP15N40 ONSEMI-NTP15N40 Datasheet
148Kb / 4P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
MTB36N06V ONSEMI-MTB36N06V Datasheet
263Kb / 10P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
NTP22N06L ONSEMI-NTP22N06L Datasheet
200Kb / 7P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
logo
Dongguan Pingjingsemi T...
PJM1514NDJ PJSEMI-PJM1514NDJ Datasheet
892Kb / 5P
   N?묬hannel Power MOSFET
PJM1516NDJ PJSEMI-PJM1516NDJ Datasheet
984Kb / 5P
   N?묬hannel Power MOSFET
logo
ON Semiconductor
MMDF7N02Z ONSEMI-MMDF7N02Z Datasheet
256Kb / 12P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com