Electronic Components Datasheet Search |
|
MTB1306 Datasheet(PDF) 7 Page - ON Semiconductor |
|
MTB1306 Datasheet(HTML) 7 Page - ON Semiconductor |
7 / 9 page MTB1306 http://onsemi.com 7 t, TIME Figure 11. Reverse Recovery Time (trr) Standard Cell Density High Cell Density tb trr ta trr SAFE OPERATING AREA The Forward Biased Safe Operating Area curves define the maximum simultaneous drain−to−source voltage and drain current that a transistor can handle safely when it is forward biased. Curves are based upon maximum peak junction temperature and a case temperature (TC) of 25°C. Peak repetitive pulsed power limits are determined by using the thermal response data in conjunction with the procedures discussed in AN569, “Transient Thermal Resistance−General Data and Its Use.” Switching between the off−state and the on−state may traverse any load line provided neither rated peak current (IDM) nor rated voltage (VDSS) is exceeded and the transition time (tr,tf) do not exceed 10 µs. In addition the total power averaged over a complete switching cycle must not exceed (TJ(MAX) − TC)/(RθJC). A Power MOSFET designated E−FET can be safely used in switching circuits with unclamped inductive loads. For reliable operation, the stored energy from circuit inductance dissipated in the transistor while in avalanche must be less than the rated limit and adjusted for operating conditions differing from those specified. Although industry practice is to rate in terms of energy, avalanche energy capability is not a constant. The energy rating decreases non−linearly with an increase of peak current in avalanche and peak junction temperature. Although many E−FETs can withstand the stress of drain−to−source avalanche at currents up to rated pulsed current (IDM), the energy rating is specified at rated continuous current (ID), in accordance with industry custom. The energy rating must be derated for temperature as shown in the accompanying graph (Figure 12). Maximum energy at currents below rated continuous ID can safely be assumed to equal the values indicated. TJ, STARTING JUNCTION TEMPERATURE (°C) Figure 12. Maximum Rated Forward Biased Safe Operating Area 0.1 1.0 100 VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS) Figure 13. Maximum Avalanche Energy versus Starting Junction Temperature 0.1 10 RDS(on) LIMIT THERMAL LIMIT PACKAGE LIMIT 0 25 50 75 100 125 80 40 ID = 75 A 1000 1.0 10 150 VGS = 10 V SINGLE PULSE TC = 25°C 240 120 280 dc 160 100 10 ms 1.0 ms 200 |
Similar Part No. - MTB1306 |
|
Similar Description - MTB1306 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |