Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTD4N20E Datasheet(PDF) 3 Page - ON Semiconductor

Part # MTD4N20E
Description  N?묬hannel DPAK Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTD4N20E Datasheet(HTML) 3 Page - ON Semiconductor

  MTD4N20E Datasheet HTML 1Page - ON Semiconductor MTD4N20E Datasheet HTML 2Page - ON Semiconductor MTD4N20E Datasheet HTML 3Page - ON Semiconductor MTD4N20E Datasheet HTML 4Page - ON Semiconductor MTD4N20E Datasheet HTML 5Page - ON Semiconductor MTD4N20E Datasheet HTML 6Page - ON Semiconductor MTD4N20E Datasheet HTML 7Page - ON Semiconductor MTD4N20E Datasheet HTML 8Page - ON Semiconductor MTD4N20E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MTD4N20E
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
TJ, JUNCTION TEMPERATURE (°C)
ID, DRAIN CURRENT (AMPS)
ID, DRAIN CURRENT (AMPS)
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On−Resistance versus Drain Current
and Temperature
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
1
100
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−To−Source Leakage
Current versus Voltage
VDS ≥ 10 V
100°C
25°C
VGS = 10 V
−55°C
25°C
−50
−25
0
25
50
75
100
125
150
VGS = 0 V
TJ = 125°C
TJ = 100°C
TJ = 25°C
VGS = 10 V
ID = 4 A
10
VGS = 10 V
8 V
TJ = 25°C
100°C
15 V
8
6 V
7 V
9 V
TJ = −55°C
2.5
2.0
1.5
1.0
0.5
0
5 V
7
6
5
4
3
2
1
0
14
12
10
8
6
4
2
0
8
7
6
5
4
3
2
1
0
9
8
7
6
5
4
3
2
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
7
6
5
4
3
2
1
08
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0
7
6
5
4
3
2
1
08
VGS = 10 V
25°C
200
150
100
50
0
250


Similar Part No. - MTD4N20E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD4N20E MOTOROLA-MTD4N20E Datasheet
268Kb / 10P
   TMOS POWER FET 4.0 AMPERES 200 VOLTS RDS(on) = 1.2 OHM
More results

Similar Description - MTD4N20E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTD2N50E ONSEMI-MTD2N50E Datasheet
152Kb / 12P
   N?묬hannel DPAK Power MOSFET
August, 2004 ??Rev. XXX
NTD6N40 ONSEMI-NTD6N40 Datasheet
128Kb / 3P
   N?묬hannel DPAK Power MOSFET
August, 2006 ??Rev. 2
MTD3302 ONSEMI-MTD3302 Datasheet
283Kb / 12P
   N?묬hannel DPAK Power MOSFET
Sep, 2004 ??Rev. XXX
MTD2N40E ONSEMI-MTD2N40E Datasheet
265Kb / 10P
   N?묬hannel DPAK Power MOSFET
August, 2006 ??Rev. 2
MTD1312 ONSEMI-MTD1312 Datasheet
283Kb / 11P
   N?묬hannel DPAK Power MOSFET
August, 2006 ??Rev. 2
MTD20N06V ONSEMI-MTD20N06V Datasheet
176Kb / 7P
   N?묬hannel DPAK
May, 2013 ??Rev. 5
MTD20P03HDL ONSEMI-MTD20P03HDL Datasheet
94Kb / 9P
   P?묬hannel DPAK Power MOSFET
July, 2006 ??Rev. 7
MTD20P06HDL ONSEMI-MTD20P06HDL Datasheet
91Kb / 8P
   P?묬hannel DPAK Power MOSFET
June, 2006 ??Rev. 6
MTD6P10E ONSEMI-MTD6P10E Datasheet
212Kb / 7P
   P?묬hannel DPAK Power MOSFET
August, 2006 ??Rev. 5
MTD1P40E ONSEMI-MTD1P40E Datasheet
130Kb / 12P
   P?묬hannel DPAK Power MOSFET
August, 2004 ??Rev. XXX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com