Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTP7N20E Datasheet(PDF) 3 Page - ON Semiconductor

Part # MTP7N20E
Description  N?묬hannel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTP7N20E Datasheet(HTML) 3 Page - ON Semiconductor

  MTP7N20E Datasheet HTML 1Page - ON Semiconductor MTP7N20E Datasheet HTML 2Page - ON Semiconductor MTP7N20E Datasheet HTML 3Page - ON Semiconductor MTP7N20E Datasheet HTML 4Page - ON Semiconductor MTP7N20E Datasheet HTML 5Page - ON Semiconductor MTP7N20E Datasheet HTML 6Page - ON Semiconductor MTP7N20E Datasheet HTML 7Page - ON Semiconductor MTP7N20E Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MTP7N20E
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On−Resistance versus Drain Current
and Temperature
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
Figure 5. On−Resistance Variation with
Temperature
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 6. Drain−To−Source Leakage
Current versus Voltage
TJ = 25°C
VGS = 10 V
15 V
0.55
VGS = 0 V
0
100
150
1
100
50
200
TJ = 125°C
0.7
0.65
0.6
10
412
8
26
14
10
100°C
8
6
4
2
0
04
8
12
6
2
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
VGS = 10 V
7 V
6 V
8 V
5 V
TJ = 25°C
8
6
4
2
0
3
24
6
8
10
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
VDS ≥ 10 V
−55°C
TJ = 100°C
1.2
0.8
0.4
0
02
4
6
8
ID, DRAIN CURRENT (AMPS)
VGS = 10 V
TJ = 25°C
100°C
−55°C
0.5
0.4
0
TJ, JUNCTION TEMPERATURE (°C)
VGS = 10 V
ID = 3.5 A
− 50
0
50
100
150
125
−25
25
75
2.5
2
1.5
1
0.5
0
10
10
12
14
9 V
25°C
10
12
14
57
9
1.0
0.6
0.2
10
12
14
0.45
25°C


Similar Part No. - MTP7N20E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP7N20E MOTOROLA-MTP7N20E Datasheet
223Kb / 8P
   TMOS POWER FET 7.0 AMPERES 200 VOLTS RDS(on) = 0.70 OHMS
More results

Similar Description - MTP7N20E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGSF3442VT1 ONSEMI-MGSF3442VT1 Datasheet
175Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTW24N40E ONSEMI-MTW24N40E Datasheet
173Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2000 ??Rev. XXX
MMDF5N02Z ONSEMI-MMDF5N02Z Datasheet
127Kb / 12P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTW16N40E ONSEMI-MTW16N40E Datasheet
123Kb / 8P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTSF3N02HD ONSEMI-MTSF3N02HD Datasheet
304Kb / 12P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 6
NTP15N40 ONSEMI-NTP15N40 Datasheet
148Kb / 4P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
MTB36N06V ONSEMI-MTB36N06V Datasheet
263Kb / 10P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
NTP22N06L ONSEMI-NTP22N06L Datasheet
200Kb / 7P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
logo
Dongguan Pingjingsemi T...
PJM1514NDJ PJSEMI-PJM1514NDJ Datasheet
892Kb / 5P
   N?묬hannel Power MOSFET
PJM1516NDJ PJSEMI-PJM1516NDJ Datasheet
984Kb / 5P
   N?묬hannel Power MOSFET
logo
ON Semiconductor
MMDF7N02Z ONSEMI-MMDF7N02Z Datasheet
256Kb / 12P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com