Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTP1302 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MTP1302
Description  N?묬hannel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTP1302 Datasheet(HTML) 3 Page - ON Semiconductor

  MTP1302 Datasheet HTML 1Page - ON Semiconductor MTP1302 Datasheet HTML 2Page - ON Semiconductor MTP1302 Datasheet HTML 3Page - ON Semiconductor MTP1302 Datasheet HTML 4Page - ON Semiconductor MTP1302 Datasheet HTML 5Page - ON Semiconductor MTP1302 Datasheet HTML 6Page - ON Semiconductor MTP1302 Datasheet HTML 7Page - ON Semiconductor MTP1302 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MTP1302
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On−Resistance versus
Drain Current and Temperature
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−To−Source Leakage
Current versus Voltage
1.0
0
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
5.0
10
40
ID, DRAIN CURRENT (AMPS)
0.01
−25
−50
TJ, JUNCTION TEMPERATURE (°C)
3.0
2.0
1.0
0
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
5.0
20
1000
100
10
1.0
0.1
0
0
0.4
0.8
1.2
10
20
30
50
25
10
30
15
40
2.5
1.0
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
10
0
1.5
2.0
5.0
30
45
10
ID, DRAIN CURRENT (AMPS)
0.04
0.02
0.015
0.01
0.005
0
15
20
30
TJ = 100°C
−55
°C
25
°C
TJ = 25°C
15
20
25
30
35
0.2
0.6
1.8
1.6
2.0
1.4
4.5
3.0
3.5
20
15
5.0
25
15
25
35
0.02
0.03
25
35
0.035
0.03
0.025
25
TJ = 25°C
VGS = 3.0 V
4.0 V
TJ = 125°C
25
°C
−55
°C
VGS = 10 V
10 V
VGS = 4.5 V
ID = 20 A
VGS = 10 V
VDS ≥ 10 V
TJ = 125°C
100
°C
25
°C
5.0 V
10 V
4.0
75
100
150
125
40


Similar Part No. - MTP1302

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP1302 MOTOROLA-MTP1302 Datasheet
166Kb / 8P
   TMOS POWER FET 42 AMPERES 30 VOLTS RDS(on) = 22 mohm
More results

Similar Description - MTP1302

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGSF3442VT1 ONSEMI-MGSF3442VT1 Datasheet
175Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTW24N40E ONSEMI-MTW24N40E Datasheet
173Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2000 ??Rev. XXX
MMDF5N02Z ONSEMI-MMDF5N02Z Datasheet
127Kb / 12P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTW16N40E ONSEMI-MTW16N40E Datasheet
123Kb / 8P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTSF3N02HD ONSEMI-MTSF3N02HD Datasheet
304Kb / 12P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 6
NTP15N40 ONSEMI-NTP15N40 Datasheet
148Kb / 4P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
MTB36N06V ONSEMI-MTB36N06V Datasheet
263Kb / 10P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
NTP22N06L ONSEMI-NTP22N06L Datasheet
200Kb / 7P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
logo
Dongguan Pingjingsemi T...
PJM1514NDJ PJSEMI-PJM1514NDJ Datasheet
892Kb / 5P
   N?묬hannel Power MOSFET
PJM1516NDJ PJSEMI-PJM1516NDJ Datasheet
984Kb / 5P
   N?묬hannel Power MOSFET
logo
ON Semiconductor
MMDF7N02Z ONSEMI-MMDF7N02Z Datasheet
256Kb / 12P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com