Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2004SQ3T2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCS2004SQ3T2G
Description  Wide Supply Rail-to-Rail Output Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2004SQ3T2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCS2004SQ3T2G Datasheet HTML 1Page - ON Semiconductor NCS2004SQ3T2G Datasheet HTML 2Page - ON Semiconductor NCS2004SQ3T2G Datasheet HTML 3Page - ON Semiconductor NCS2004SQ3T2G Datasheet HTML 4Page - ON Semiconductor NCS2004SQ3T2G Datasheet HTML 5Page - ON Semiconductor NCS2004SQ3T2G Datasheet HTML 6Page - ON Semiconductor NCS2004SQ3T2G Datasheet HTML 7Page - ON Semiconductor NCS2004SQ3T2G Datasheet HTML 8Page - ON Semiconductor NCS2004SQ3T2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NCS2004, NCS2004A
www.onsemi.com
5
FREQUENCY (Hz)
Figure 1. CMRR vs. Frequency
2.7 V
10 V
5 V
RL = 2 kW
25
°C
250
200
150
100
50
0
−50
−100
−40 −25 −10
5
20
35
50
65
80 95
110 125
Figure 2. Input Bias and Offset Current vs.
Temperature
FREE AIR TEMPERATURE (
°C)
Input Bias
Input Offset
2.5
0
LOW LEVEL OUTPUT CURRENT (mA)
Figure 3. 2.5 V VOL vs. Iout
10
20
30
40
50
60
70
80
−40
°C
25
°C
105
°C
VDD = 2.5 V
0
1020
30
4050
6070
80
LOW LEVEL OUTPUT CURRENT (mA)
Figure 4. 2.5 V VOH vs. Iout
2.5
VDD = 2.5 V
−40
°C
25
°C
105
°C
3.3
0
LOW LEVEL OUTPUT CURRENT (mA)
Figure 5. 3.3 V VOL vs. Iout
10
20
30
40
50
60
70
80
90
−40
°C
25
°C
105
°C
VDD = 3.3 V
3.3
0
10
203040
5060
70
80
90
HIGH LEVEL OUTPUT CURRENT (mA)
Figure 6. 3.3 V VOH vs. Iout
25
°C
−40
°C
105
°C
VDD = 3.3 V
2.5 V
0
−10
−20
−30
−40
−50
−60
−70
−80
−90
10
100
1k
10k
100k
1M
2
1.5
1
0.5
0
2
1.5
1
0.5
0
3
2.7
2.4
2.1
1.8
1.5
1.2
0.9
0.6
0.3
0
3
2.7
2.4
2.1
1.8
1.5
1.2
0.9
0.6
0.3
0


Similar Part No. - NCS2004SQ3T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2001 ONSEMI-NCS2001 Datasheet
127Kb / 16P
   0.9 V, Rail-to-Rail, Single Operational Amplifier
September, 2004 ??Rev. 12
NCS2001 ONSEMI-NCS2001 Datasheet
206Kb / 17P
   0.9 V, Rail?뭪o?뭃ail, Single Operational Amplifier
January, 2007 ??Rev. 15
NCS2001 ONSEMI-NCS2001 Datasheet
184Kb / 16P
   Rail-to-Rail, Single Operational Amplifier
June, 2013 ??Rev. 17
NCS2001 ONSEMI-NCS2001 Datasheet
141Kb / 16P
   0.9 V, Rail-to-Rail, Single Operational Amplifier
January, 2017 ??Rev. 18
NCS2001D ONSEMI-NCS2001D Datasheet
127Kb / 16P
   0.9 V, Rail-to-Rail, Single Operational Amplifier
September, 2004 ??Rev. 12
More results

Similar Description - NCS2004SQ3T2G

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
logo
New Japan Radio
NJM2746M-TE1 NJRC-NJM2746M-TE1 Datasheet
311Kb / 6P
   Single Supply, Rail-to-Rail Output Dual Operational Amplifier
NJM8202 NJRC-NJM8202 Datasheet
336Kb / 10P
   Single Supply, Rail-to-Rail Output Dual Operational Amplifier
logo
Texas Instruments
INA827 TI1-INA827_13 Datasheet
1Mb / 30P
[Old version datasheet]   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
logo
Analog Devices
AD8227 AD-AD8227 Datasheet
657Kb / 24P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. 0
AD8426 AD-AD8426 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8226 AD-AD8226 Datasheet
547Kb / 16P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com