Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS20064 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCS20064
Description  Operational Amplifier Low Power, Rail-to-Rail
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS20064 Datasheet(HTML) 1 Page - ON Semiconductor

  NCS20064 Datasheet HTML 1Page - ON Semiconductor NCS20064 Datasheet HTML 2Page - ON Semiconductor NCS20064 Datasheet HTML 3Page - ON Semiconductor NCS20064 Datasheet HTML 4Page - ON Semiconductor NCS20064 Datasheet HTML 5Page - ON Semiconductor NCS20064 Datasheet HTML 6Page - ON Semiconductor NCS20064 Datasheet HTML 7Page - ON Semiconductor NCS20064 Datasheet HTML 8Page - ON Semiconductor NCS20064 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2015
October, 2015 − Rev. 1
1
Publication Order Number:
NCS2006/D
NCS20061, NCV20061,
NCS20062, NCV20062,
NCS20064, NCV20064
Operational Amplifier,
Rail-to-Rail Input and
Output, 3 MHz
The NCS2006 series operational amplifiers provide rail−to−rail
input and output operation, 3 MHz bandwidth, and are available in
single, dual, and quad configurations. Rail−to−rail operation gives
designers use of the entire supply voltage range while taking
advantage of the 3 MHz bandwidth. The NCS2006 can operate on
supply voltages from 1.8 to 5.5 V over a temperature range from −40
to 125
°C. At a 1.8 V supply, this device has a slew rate of 1.2 V/ms
while consuming only 125
mA of quiescent current per channel. Since
this is a CMOS device, high input impedance and low bias currents
make it ideal for interfacing to a wide variety of signal sensors. The
NCS2006 devices are available in a variety of compact packages.
Features
Rail−to−Rail Input and Output
Wide Supply Range: 1.8 to 5.5 V
Wide Bandwidth: 3 MHz
High Slew Rate: 1.2 V/ms at VS = 1.8 V
Low Supply Current: 125 mA per Channel at VS = 1.8 V
Low Input Bias Current: 1 pA Typical
Wide Temperature Range: −40 to 125°C
Available in a Variety of Packages
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
Unity Gain Buffer
Battery Powered / Low Quiescent Current Applications
Low Cost Current Sensing
Automotive
www.onsemi.com
ORDERING INFORMATION
See detailed ordering and shipping information on page 3 of
this data sheet.
1
14
SOIC−14
CASE 751A
SC70−5
CASE 419A
1
5
TSOP−5/SOT23−5
CASE 483
Micro8
]/MSOP8
CASE 846A
1
8
SOIC−8
CASE 751
TSSOP−8
CASE 948S
TSSOP−14
CASE 948G
See general marking information in the device marking
section on page 2 of this data sheet.
DEVICE MARKING INFORMATION
UDFN6
CASE 517AP
1
6
1
14


Similar Part No. - NCS20064

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS20064 ONSEMI-NCS20064 Datasheet
775Kb / 20P
   Low Power Operational Amplifier
November, 2017 ??Rev. 9
NCS20064 ONSEMI-NCS20064 Datasheet
1Mb / 27P
   3 MHz, 125 A Low Power Operational Amplifier
January, 2021 - Rev. 15
NCS20064DR2G ONSEMI-NCS20064DR2G Datasheet
1Mb / 27P
   3 MHz, 125 A Low Power Operational Amplifier
January, 2021 - Rev. 15
NCS20064DTBR2G ONSEMI-NCS20064DTBR2G Datasheet
1Mb / 27P
   3 MHz, 125 A Low Power Operational Amplifier
January, 2021 - Rev. 15
More results

Similar Description - NCS20064

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS20091 ONSEMI-NCS20091 Datasheet
686Kb / 20P
   Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
NCS20081 ONSEMI-NCS20081 Datasheet
753Kb / 20P
   Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
logo
Guangdong Youtai Semico...
LMV321 UMW-LMV321 Datasheet
2Mb / 10P
   Low-Power rail-to-rail Operational Amplifier
logo
ON Semiconductor
NCV952 ONSEMI-NCV952 Datasheet
1Mb / 10P
   Operational Amplifier Low Power, Rail-to-Rail
July, 2015 ??Rev. 3
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
   Rail-to-Rail Operational Amplifier
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
logo
E-CMOS Corporation
EC5721 E-CMOS-EC5721 Datasheet
851Kb / 13P
   1MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
EC5741 E-CMOS-EC5741 Datasheet
858Kb / 15P
   Super Low Power, CMOS, Rail-to-Rail Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com