Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCE6602 Datasheet(PDF) 7 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE6602
Description  NCE N and P-Channel Enhancement Mode Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE6602 Datasheet(HTML) 7 Page - Wuxi NCE Power Semiconductor Co., Ltd

Back Button NCE6602 Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE6602 Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE6602 Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE6602 Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE6602 Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd NCE6602 Datasheet HTML 8Page - Wuxi NCE Power Semiconductor Co., Ltd NCE6602 Datasheet HTML 9Page - Wuxi NCE Power Semiconductor Co., Ltd NCE6602 Datasheet HTML 10Page - Wuxi NCE Power Semiconductor Co., Ltd NCE6602 Datasheet HTML 11Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Wuxi NCE Power Semiconductor Co., Ltd
Page
v1.0
7
NCE6602
Pb Free Product
http://www.ncepower.com
P- Channel Typical Electrical and Thermal Characteristics
V
IN
V
OUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
t
d(on)
90%
t
r
t
on
90%
10%
t
off
t
d(off)
t
f
90%
V
IN
V
OUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
t
d(on)
90%
90%
t
r
t
on
90%
10%
t
off
t
d(off)
t
f
90%
Figure 1:Switching Test Circuit
Figure 2:Switching Waveforms
TJ-Junction Temperature(℃)
-Vds Drain-Source Voltage (V)
Figure 3 Safe Operation Area
Figure 4 Drain Current
-ID- Drain Current (A)
-Vds Drain-Source Voltage (V)
Figure 6 Drain-Source On-Resistance
Figure 5 Output Characteristics


Similar Part No. - NCE6602

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NCE6602 VBSEMI-NCE6602 Datasheet
2Mb / 10P
   N- and P-Channel V (D-S) MOSFET
NCE6602A VBSEMI-NCE6602A Datasheet
597Kb / 10P
   N- and P-Channel 20V (D-S) MOSFET
logo
Shanghai Leiditech Elec...
NCE6602N LEIDITECH-NCE6602N Datasheet
1Mb / 10P
   N and P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - NCE6602

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM40P07 RECTRON-RM40P07 Datasheet
236Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
logo
Wuxi NCE Power Semicond...
NCE3401A NCEPOWER-NCE3401A Datasheet
265Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE3407A NCEPOWER-NCE3407A Datasheet
288Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE01P18L NCEPOWER-NCE01P18L Datasheet
317Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE15P25 NCEPOWER-NCE15P25 Datasheet
357Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE20P70G NCEPOWER-NCE20P70G Datasheet
367Kb / 6P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE30P12S NCEPOWER-NCE30P12S Datasheet
370Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE30P15S NCEPOWER-NCE30P15S Datasheet
347Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE40P06S NCEPOWER-NCE40P06S Datasheet
402Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE40P40K NCEPOWER-NCE40P40K Datasheet
477Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com