Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S72NXX Datasheet(PDF) 2 Page - AUK corp

Part # S72NXX
Description  Standard Voltage Detector
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S72NXX Datasheet(HTML) 2 Page - AUK corp

  S72NXX Datasheet HTML 1Page - AUK corp S72NXX Datasheet HTML 2Page - AUK corp S72NXX Datasheet HTML 3Page - AUK corp S72NXX Datasheet HTML 4Page - AUK corp S72NXX Datasheet HTML 5Page - AUK corp S72NXX Datasheet HTML 6Page - AUK corp S72NXX Datasheet HTML 7Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
KSI-9046-000
2
S72Nxx
Equivalent Circuit Diagram
Maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Supply voltage
Vcc
-0.3 ~ +10
V
Power Dissipation (Package Limitation)
PD
500
mW
Operating Temperature
Topr
-20 ~ +75
Storage Temperature
Tstg
-40 ~ +125
Electrical Characteristics
(Vcc=5V, Ta=25
°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min.
Typ.
Max.
Unit
Detecting Voltage
VS
1
* See Table 1
Hysteresis Voltage
Δ
VS
1
RL=470Ω,VCC=L→H→L
40
100
300
mV
Temperature Coefficient
Of detecting voltage
VS/ΔT
1
RL=470Ω, Ta= -20~75℃
-
±
0.01
-
%/℃
Low Level Output voltage
VOL
1
RL=470Ω, VCC= VS Min
-
0.1
0.4
V
Circuit current at ON
ICCL
1
RL=∞Ω, VCC= VS Min
-
100
180
µA
Circuit current at OFF
ICCH
1
RL=∞Ω,VCC=VS Max +0.1V
-
1.0
2.5
µA
Threshold Operating Voltage
Vopr
1
RL=4.7 ㏀, VOL≤0.4V
-
1.4
1.6
V
Output Current at ON I
IOL 1
1
RL=0Ω, VCC= VS Min
10
20
-
mA
Output Current at ON II
IOL 2
1
RL=0Ω, VCC= VS Min ,
Ta= -20~75℃
5
-
-
mA
L→H Transmission delay time
tPLH
2
RL=4.7 ㏀, CL=100 ㎊
-
100
500
H→L Transmission delay time
tPHL
2
RL=4.7 ㏀, CL=100 ㎊
-
10
20
Vcc
OUT
GND


Similar Part No. - S72NXX

ManufacturerPart #DatasheetDescription
logo
AUK corp
S72NXXN AUK-S72NXXN Datasheet
386Kb / 7P
   Standard Voltage Detector
S72NXXSF AUK-S72NXXSF Datasheet
342Kb / 7P
   Standard Voltage Detector
S72NXXUF AUK-S72NXXUF Datasheet
342Kb / 7P
   Standard Voltage Detector
More results

Similar Description - S72NXX

ManufacturerPart #DatasheetDescription
logo
AUK corp
S71XXSF AUK-S71XXSF Datasheet
255Kb / 5P
   Standard Voltage Detector
logo
Gamma Microelectronics ...
GM5510 GAMMA-GM5510_1 Datasheet
183Kb / 15P
   STANDARD VOLTAGE DETECTOR
logo
AUK corp
S71XXF AUK-S71XXF Datasheet
256Kb / 5P
   Standard Voltage Detector
S72NXXN AUK-S72NXXN Datasheet
386Kb / 7P
   Standard Voltage Detector
S72NXXUF AUK-S72NXXUF Datasheet
342Kb / 7P
   Standard Voltage Detector
S71XX AUK-S71XX Datasheet
256Kb / 5P
   Standard Voltage Detector
S72NXXSF AUK-S72NXXSF Datasheet
342Kb / 7P
   Standard Voltage Detector
logo
Rohm
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com