Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SV246-TL-E Datasheet(PDF) 3 Page - ON Semiconductor

Part # 1SV246-TL-E
Description  PIN Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1SV246-TL-E Datasheet(HTML) 3 Page - ON Semiconductor

  1SV246-TL-E Datasheet HTML 1Page - ON Semiconductor 1SV246-TL-E Datasheet HTML 2Page - ON Semiconductor 1SV246-TL-E Datasheet HTML 3Page - ON Semiconductor 1SV246-TL-E Datasheet HTML 4Page - ON Semiconductor 1SV246-TL-E Datasheet HTML 5Page - ON Semiconductor 1SV246-TL-E Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1SV246
No.3906-3/6
IR -- VR
IF -- VF
rs -- IF
rs -- f
C -- VR
Reverse Voltage, VR -- V
Forward Voltage, VF -- V
Reverse Voltage, VR -- V
Frequency, f -- MHz
Forward Current, IF -- mA
3
5
7
2
0.01
3
3
5
5
2
7
7
10
2
3
5
7
100
2
1k
0.1
3
5
7
2
1.0
3
5
7
2
10
3
5
2
3
5
7
0.01
0.1
2
3
5
7
1.0
2
3
5
7
10
2
3
5
7
100
7
2
100
30
10
0
0
0.2
0.4
0.6
0.8
1.0
1.2
0.01
35
7
2
0.1
35
7
2
1.0
10
35
7
2
20
40
50
ID00039
ID00037
0.1
2
1.0
2
3
5
7
0.1
1.0
2
35 7
10
23
5 7
100
23
5 7
ID00038
1.0
1.0
23
5
7 10
23
5
7 100
1G
23
5
7
2
3
5
7
10
2
3
5
7
100
2
3
5
7
1k
10k
2
3
5
7
ID00040
ID00041
Ta=25
°C
f=100MHz
Ta=100
°C
50°C
25°C
75°C
Ta=25
°C
f=1MHz
Ta=25
°C
100
μA
10mA
1mA
IF=10μA


Similar Part No. - 1SV246-TL-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
1SV246 SANYO-1SV246 Datasheet
66Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
logo
Guangdong Kexin Industr...
1SV246 KEXIN-1SV246 Datasheet
44Kb / 1P
   PIN Diode for VHF,UHF,AGC Applications
logo
NXP Semiconductors
1SV246 NXP-1SV246 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Sanyo Semicon Device
1SV246 SANYO-1SV246 Datasheet
369Kb / 6P
   PIN Diode for VHF, UHF, AGC Applications
1SV246 SANYO-1SV246_12 Datasheet
369Kb / 6P
   PIN Diode for VHF, UHF, AGC Applications
More results

Similar Description - 1SV246-TL-E

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDP510D AUK-SDP510D Datasheet
46Kb / 3P
   Pin Diode
SDP510WMU AUK-SDP510WMU Datasheet
44Kb / 3P
   Pin Diode
logo
Microsemi Corporation
UM2300 MICROSEMI-UM2300 Datasheet
185Kb / 5P
   PIN DIODE
logo
Rohm
RN142S ROHM-RN142S Datasheet
43Kb / 3P
   PIN diode
logo
AUK corp
SDP510WMUF AUK-SDP510WMUF Datasheet
45Kb / 3P
   Pin Diode
logo
Microsemi Corporation
UM6000 MICROSEMI-UM6000 Datasheet
221Kb / 4P
   PIN DIODE
logo
Torex Semiconductor
1106_XB15A402 TOREX-1106_XB15A402 Datasheet
103Kb / 2P
   PIN DIODE
logo
Solid States Devices, I...
RC0130A SSDI-RC0130A_15 Datasheet
137Kb / 2P
   PIN DIODE
logo
Rohm
RN142GT2R ROHM-RN142GT2R Datasheet
114Kb / 3P
   PIN diode
logo
Jiangsu Changjiang Elec...
BAP64-04W JIANGSU-BAP64-04W Datasheet
650Kb / 5P
   Pin Diode
logo
Rohm
RN242CST2RA ROHM-RN242CST2RA Datasheet
330Kb / 5P
   PIN diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com