Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SV315 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 1SV315
Description  PIN Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1SV315 Datasheet(HTML) 3 Page - ON Semiconductor

  1SV315 Datasheet HTML 1Page - ON Semiconductor 1SV315 Datasheet HTML 2Page - ON Semiconductor 1SV315 Datasheet HTML 3Page - ON Semiconductor 1SV315 Datasheet HTML 4Page - ON Semiconductor 1SV315 Datasheet HTML 5Page - ON Semiconductor 1SV315 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1SV315
No.6261-3/6
IR -- VR
IF -- VF
rs -- f
C -- VR
Reverse Voltage, VR -- V
Forward Voltage, VF -- V
Reverse Voltage, VR -- V
Frequency, f -- MHz
rs -- IF
Forward Current, IF -- mA
0
0.2
0.4
0.6
0.8
1.0
1.2
0.01
2
3
5
7
0.1
2
3
5
7
1.0
2
3
5
7
10
2
3
5
7
100
IT00993
IT00995
IT01010
IT00994
IT00996
Ta=75°
C
25°C
50°C
010
20
30
40
50
60
0.01
2
3
5
7
0.1
3
2
5
1.0
7
2
3
5
7
10
2
5
3
0.01
0.1
1.0
10
10000
1000
100
10
1.0
2
2
3
5
5
7
7
2
3
5
7
2
3
5
7
2
3
5
7
32
5
7
32
5
7
3
25
7
3
25 7
3
2
2
1.0
10
10
100
1000
1.0
5
5
7
7
3
3
2
100
5
7
3
2
1000
5
7
3
2
10000
5
7
3
IF=10μA
1mA
5mA
10mA
100
μA
Ta=25
°C
f=1MHz
25
7
3
2
2
5
5
7
7
3
3
25
7
3
1.0
0.1
0.1
1.0
10
100


Similar Part No. - 1SV315

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
1SV315 SANYO-1SV315 Datasheet
30Kb / 3P
   Variabe resistance Attenuator Use
1SV315 SANYO-1SV315 Datasheet
376Kb / 6P
   Variabe resistance Attenuator Use
1SV315 SANYO-1SV315_12 Datasheet
376Kb / 6P
   Variabe resistance Attenuator Use
More results

Similar Description - 1SV315

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDP510D AUK-SDP510D Datasheet
46Kb / 3P
   Pin Diode
SDP510WMU AUK-SDP510WMU Datasheet
44Kb / 3P
   Pin Diode
logo
Microsemi Corporation
UM2300 MICROSEMI-UM2300 Datasheet
185Kb / 5P
   PIN DIODE
logo
Rohm
RN142S ROHM-RN142S Datasheet
43Kb / 3P
   PIN diode
logo
AUK corp
SDP510WMUF AUK-SDP510WMUF Datasheet
45Kb / 3P
   Pin Diode
logo
Microsemi Corporation
UM6000 MICROSEMI-UM6000 Datasheet
221Kb / 4P
   PIN DIODE
logo
Torex Semiconductor
1106_XB15A402 TOREX-1106_XB15A402 Datasheet
103Kb / 2P
   PIN DIODE
logo
Solid States Devices, I...
RC0130A SSDI-RC0130A_15 Datasheet
137Kb / 2P
   PIN DIODE
logo
Rohm
RN142GT2R ROHM-RN142GT2R Datasheet
114Kb / 3P
   PIN diode
logo
Jiangsu Changjiang Elec...
BAP64-04W JIANGSU-BAP64-04W Datasheet
650Kb / 5P
   Pin Diode
logo
Rohm
RN242CST2RA ROHM-RN242CST2RA Datasheet
330Kb / 5P
   PIN diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com