Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5LP01M-TL-E Datasheet(PDF) 4 Page - ON Semiconductor

Part # 5LP01M-TL-E
Description  P-Channel Small Signal MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

5LP01M-TL-E Datasheet(HTML) 4 Page - ON Semiconductor

  5LP01M-TL-E Datasheet HTML 1Page - ON Semiconductor 5LP01M-TL-E Datasheet HTML 2Page - ON Semiconductor 5LP01M-TL-E Datasheet HTML 3Page - ON Semiconductor 5LP01M-TL-E Datasheet HTML 4Page - ON Semiconductor 5LP01M-TL-E Datasheet HTML 5Page - ON Semiconductor 5LP01M-TL-E Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
5LP01M
No.6135-4/6
SW Time -- ID
IS -- VSD
Diode Forward Voltage, VSD -- V
Drain Current, ID -- A
VGS -- Qg
Ciss, Coss, Crss -- VDS
Drain to Source Voltage, VDS -- V
Total Gate Charge, Qg -- nC
0
0
--1
--2
0.2
--3
--4
--5
--6
--7
0.6
0.4
--8
--9
1.0
0.8
--10
1.4
1.2
1.6
VDS= --10V
ID= --70mA
--0.01
10
--0.1
23
5
7
100
7
5
3
2
7
5
3
2
1000
VDD= --25V
VGS = --4V
0
0.1
1.0
--10
--5
10
7
5
3
2
7
5
3
2
7
5
3
2
--20
--15
--30
--25
100
--40
--35
--50
--45
f=1MHz
--0.5
--0.01
--0.8
--0.9
--1.0
--1.1
--0.6
--0.7
--0.1
3
2
7
5
3
2
--1.2
VGS=0V
IT00098
IT00100
IT00101
IT00099
Ciss
Coss
Crss
td(on)
td(off)
tr
tf
PD -- Ta
Ambient Temperature, Ta --
°C
0
0
20
40
0.05
60
0.10
0.15
80
100
120
0.20
140
160
IT00102


Similar Part No. - 5LP01M-TL-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
5LP01M-TL-E SANYO-5LP01M-TL-E Datasheet
449Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - 5LP01M-TL-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
5LP01S ONSEMI-5LP01S Datasheet
520Kb / 7P
   P-Channel Small Signal MOSFET
July, 2013
3LP01SS ONSEMI-3LP01SS Datasheet
531Kb / 7P
   P-Channel Small Signal MOSFET
July, 2013
5LP01SS ONSEMI-5LP01SS Datasheet
283Kb / 6P
   P-Channel Small Signal MOSFET
July, 2013
3LP01M ONSEMI-3LP01M Datasheet
265Kb / 6P
   P-Channel Small Signal MOSFET
June, 2013
5LP01SP ONSEMI-5LP01SP Datasheet
82Kb / 6P
   P-Channel Small Signal MOSFET
April, 2014
5LP01C ONSEMI-5LP01C Datasheet
267Kb / 6P
   P-Channel Small Signal MOSFET
July, 2013
logo
Weitron Technology
BSS84 WEITRON-BSS84 Datasheet
127Kb / 4P
   Small Signal MOSFET P-Channel
logo
ON Semiconductor
3LP01C ONSEMI-3LP01C Datasheet
259Kb / 6P
   P-Channel Small Signal MOSFET
June, 2013
NTND31200PZ ONSEMI-NTND31200PZ Datasheet
76Kb / 5P
   Dual P-Channel Small Signal MOSFET
November, 2015 ??Rev. 0
NTND31211PZ ONSEMI-NTND31211PZ Datasheet
75Kb / 5P
   Dual P-Channel Small Signal MOSFET
November, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com