Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S72N23SF Datasheet(PDF) 3 Page - AUK corp

Part # S72N23SF
Description  Standard Voltage Detector
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S72N23SF Datasheet(HTML) 3 Page - AUK corp

  S72N23SF Datasheet HTML 1Page - AUK corp S72N23SF Datasheet HTML 2Page - AUK corp S72N23SF Datasheet HTML 3Page - AUK corp S72N23SF Datasheet HTML 4Page - AUK corp S72N23SF Datasheet HTML 5Page - AUK corp S72N23SF Datasheet HTML 6Page - AUK corp S72N23SF Datasheet HTML 7Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
KSI-2055-000
3
S72NxxSF
* Table 1
Electrical Characteristics
(Vcc=5V, Ta=25
°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min.
Typ.
Max.
Unit
S72N45SF
4.30
4.5
4.70
S72N42SF
4.00
4.2
4.40
S72N39SF
3.70
3.9
4.10
S72N36SF
3.40
3.6
3.80
S72N33SF
3.10
3.3
3.50
S72N31SF
2.90
3.1
3.30
S72N29SF
2.75
2.9
3.05
S72N27SF
2.55
2.7
2.85
S72N25SF
2.35
2.5
2.65
Detecting voltage
VS
1
RL=470Ω
VCC=H→L
VOL≤0.4V
S72N23SF
2.15
2.3
2.45
V


Similar Part No. - S72N23SF

ManufacturerPart #DatasheetDescription
logo
AUK corp
S72N23 AUK-S72N23 Datasheet
348Kb / 7P
   Standard Voltage Detector
S72N23N AUK-S72N23N Datasheet
386Kb / 7P
   Standard Voltage Detector
S72N23UF AUK-S72N23UF Datasheet
342Kb / 7P
   Standard Voltage Detector
More results

Similar Description - S72N23SF

ManufacturerPart #DatasheetDescription
logo
AUK corp
S71XXSF AUK-S71XXSF Datasheet
255Kb / 5P
   Standard Voltage Detector
S72NXX AUK-S72NXX Datasheet
348Kb / 7P
   Standard Voltage Detector
logo
Gamma Microelectronics ...
GM5510 GAMMA-GM5510_1 Datasheet
183Kb / 15P
   STANDARD VOLTAGE DETECTOR
logo
AUK corp
S71XXF AUK-S71XXF Datasheet
256Kb / 5P
   Standard Voltage Detector
S72NXXN AUK-S72NXXN Datasheet
386Kb / 7P
   Standard Voltage Detector
S72NXXUF AUK-S72NXXUF Datasheet
342Kb / 7P
   Standard Voltage Detector
S71XX AUK-S71XX Datasheet
256Kb / 5P
   Standard Voltage Detector
logo
Rohm
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com