Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S78LXXL Datasheet(PDF) 4 Page - AUK corp

Part # S78LXXL
Description  Positive-Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S78LXXL Datasheet(HTML) 4 Page - AUK corp

  S78LXXL Datasheet HTML 1Page - AUK corp S78LXXL Datasheet HTML 2Page - AUK corp S78LXXL Datasheet HTML 3Page - AUK corp S78LXXL Datasheet HTML 4Page - AUK corp S78LXXL Datasheet HTML 5Page - AUK corp S78LXXL Datasheet HTML 6Page - AUK corp S78LXXL Datasheet HTML 7Page - AUK corp S78LXXL Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
KSI-9048-001
4
S78LxxL
S78L08 Electrical Characteristics
(VI=14V, IO=40 ㎃, TJ=0
~
125 , Unless otherwise noted)
S78L08
Parameter
Test Conditions*
Min.
Typ.
Max.
Unit
25℃
7.7
8
8.3
IO=1mA to 40mA
VI=10.5V to 23V
7.6
8
8.4
Output Voltage**
IO=1mA to 70mA
0℃ to 125℃
7.6
8
8.4
V
VI=10.5V to 23V
42
175
Input regulation
VI=11V to 23V
25℃
36
125
mV
Ripple rejection
VI=13V to 23V, f=120Hz
0℃ to 25℃
37
46
dB
IO=1mA to 100mA
18
80
Output regulation
IO=1mA to 40mA
25℃
10
40
mV
Output noise voltage
f=10Hz to 100KHz
25℃
54
uV
Dropout Voltage
25℃
1.7
V
25℃
4
6
Bias current
125℃
5.5
VI=11V to 23V
1.5
Bias Current Change
IO=1mA to 40mA
0℃ to 125℃
0.1
mA
S78L09 Electrical Characteristics
(VI=16V, IO=40 ㎃, TJ=0
~
125 , Unless otherwise noted)
S78L09
Parameter
Test Conditions*
Min.
Typ.
Max.
Unit
25℃
8.6
9
9.4
IO=1mA to 40mA
VI=12V to 24V
8.55
9
9.45
Output Voltage**
IO=1mA to 70mA
0℃ to 125℃
8.55
9
9.45
V
VI=12V to 24V
45
175
Input regulation
VI=13V to 24V
25℃
40
125
mV
Ripple rejection
VI=15V to 25V, f=120Hz
0℃ to 25℃
38
45
dB
IO=1mA to 100mA
19
90
Output regulation
IO=1mA to 40mA
25℃
11
40
mV
Output noise voltage
f=10Hz to 100KHz
25℃
58
uV
Dropout Voltage
25℃
1.7
V
25℃
4.1
6
Bias current
125℃
5.5
VI=13V to 24V
1.5
Bias Current Change
IO=1mA to 40mA
0℃ to 125℃
0.1
mA
* Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33uF
capacitor across the input and a 0.1uF capacitor across the output.
** This specification applies only for dc power dissipation permitted by absolute maximum ratings.


Similar Part No. - S78LXXL

ManufacturerPart #DatasheetDescription
logo
AUK corp
S78LXXL AUK-S78LXXL_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
More results

Similar Description - S78LXXL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com