Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2508AG-08ST Datasheet(PDF) 6 Page - ON Semiconductor

Part # ASM3P2508AG-08ST
Description  Peak EMI Reducing
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM3P2508AG-08ST Datasheet(HTML) 6 Page - ON Semiconductor

  ASM3P2508AG-08ST Datasheet HTML 1Page - ON Semiconductor ASM3P2508AG-08ST Datasheet HTML 2Page - ON Semiconductor ASM3P2508AG-08ST Datasheet HTML 3Page - ON Semiconductor ASM3P2508AG-08ST Datasheet HTML 4Page - ON Semiconductor ASM3P2508AG-08ST Datasheet HTML 5Page - ON Semiconductor ASM3P2508AG-08ST Datasheet HTML 6Page - ON Semiconductor ASM3P2508AG-08ST Datasheet HTML 7Page - ON Semiconductor ASM3P2508AG-08ST Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ASM3P2508A
http://onsemi.com
6
An example of a Byte Write via I2C to partially ‘power down’ the device:
ASM3P2508A can be partially ‘powered down’ using bit 1 of Byte 0. The organization of the register bits for Byte ‘0’ is
given with default values below:
Bit
7
6
5
4
3
2
1
0
Resv
Resv
Resv
Resv
Resv
Resv
PLL2 Enable
PLL1 Enable
0
1
0
1
0
1
1
1
The function of partial power down of the device is of
interest to us − that is bit 1 of Byte 0. In the default mode this
bit is logic ‘1’. As such, the Byte 0 default value is 57 (H).
To put ASM3P2508A in ‘power down’ mode, the bit 1 of
Byte 0 is to be changed to logic ‘0’. Hence writing a 55 (H)
via I2C into Byte 0 would put the device in partial ‘power
down’ mode where the PLL block generating 72 MHz /
48 MHz would be powered down while I2C block, crystal
oscillator, and the PLL block generating 120 MHz would
still be active. The organization of the register bits is as
below:
Bit
7
6
5
4
3
2
1
0
Resv
Resv
Resv
Resv
Resv
Resv
PLL2 Enable
PLL1 Enable
0
1
0
1
0
1
0
1
Byte 0
Byte 1
FOUT1CLK (MHz)
FOUT2CLK (MHz)
Power up default
6F (H)
3F (H)
120
72
48_MHz Mode
6F (H)
BF (H)
120
48
Power down PLL with 72 MHz
6D (H)
3F (H)
120
Power down PLL with 48 MHz
6D (H)
BF (H)
120
Figure Showing a Complete Data Transfer:


Similar Part No. - ASM3P2508AG-08ST

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2508AG-08ST PULSECORE-ASM3P2508AG-08ST Datasheet
401Kb / 9P
   Peak EMI Reducing Solution
More results

Similar Description - ASM3P2508AG-08ST

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2853A ALSC-ASM3P2853A Datasheet
2Mb / 8P
   Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2760 ONSEMI-ASM3P2760_15 Datasheet
97Kb / 7P
   Peak EMI Reducing Solution
July, 2015 ??Rev. 3
ASM3P2853 ONSEMI-ASM3P2853_12 Datasheet
142Kb / 7P
   Peak EMI Reducing Solution
FEBRUARY 2012 ??Rev. 3
ASM3P2108A ONSEMI-ASM3P2108A Datasheet
129Kb / 5P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
   Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
ASM3P2474A ONSEMI-ASM3P2474A Datasheet
134Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
ASM3P2111A ALSC-ASM3P2111A Datasheet
207Kb / 8P
   Peak EMI Reducing Solution
logo
Cypress Semiconductor
W181-01GT CYPRESS-W181-01GT Datasheet
190Kb / 9P
   Peak-Reducing EMI Solution
logo
ON Semiconductor
ASM3P2107A ONSEMI-ASM3P2107A Datasheet
136Kb / 6P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
logo
Alliance Semiconductor ...
ASM3P2190A ALSC-ASM3P2190A Datasheet
117Kb / 7P
   Peak Reducing EMI Solution
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com