Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATP114 Datasheet(PDF) 4 Page - ON Semiconductor

Part # ATP114
Description  P-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ATP114 Datasheet(HTML) 4 Page - ON Semiconductor

  ATP114 Datasheet HTML 1Page - ON Semiconductor ATP114 Datasheet HTML 2Page - ON Semiconductor ATP114 Datasheet HTML 3Page - ON Semiconductor ATP114 Datasheet HTML 4Page - ON Semiconductor ATP114 Datasheet HTML 5Page - ON Semiconductor ATP114 Datasheet HTML 6Page - ON Semiconductor ATP114 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ATP114
No. A1711-4/7
A S O
Drain-to-Source Voltage, VDS -- V
IT15512
--0.1
--1.0
2
3
5
7
2
3
5
7
2
3
5
5
3
2
7
--10
--0.1
IDP= --165A (PW≤10μs)
ID= --55A
100
μs
1ms
10ms
100ms
Operation in
this area is
limited by RDS(on).
--1.0
23
5 7
2
--10
--100
35 7
2
3
7
5
10
μs
--100
Tc=25
°C
Single pulse
VGS -- Qg
Total Gate Charge, Qg -- nC
IT15710
0
10
20
100
50
90
40
80
60
70
30
0
--2
--4
--6
--1
--3
--5
--8
--7
--9
--10
VDS= --30V
ID= --55A
EAS -- Ta
Ambient Temperature, Ta --
°C
0
0
25
50
75
100
125
150
100
80
60
20
40
120
175
IT15179
PD -- Tc
Case Temperature, Tc --
°C
IT15513
0
0
20
40
60
80
100
140
120
60
50
40
20
30
10
70
160


Similar Part No. - ATP114

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ATP114 SANYO-ATP114 Datasheet
350Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
ATP114-TL-H SANYO-ATP114-TL-H Datasheet
481Kb / 7P
   General-Purpose Switching Device Applications
ATP114 SANYO-ATP114_12 Datasheet
481Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - ATP114

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
   P-CHANNEL POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJ3139KW JIANGSU-CJ3139KW Datasheet
1Mb / 5P
   P-Channel Power MOSFET
logo
ON Semiconductor
MTB50P03HDL ONSEMI-MTB50P03HDL_14 Datasheet
143Kb / 9P
   P-Channel Power MOSFET
January, 2014 ??Rev. 7
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
   P CHANNEL POWER MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
   p-Channel Power MOSFET
1.9, 2011-03-02
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
   P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
   P Channel Power MOSFET
logo
Micro Commercial Compon...
MCQ4435A MCC-MCQ4435A Datasheet
641Kb / 4P
   P-Channel Power MOSFET
logo
Unisonic Technologies
UT9435 UTC-UT9435_15 Datasheet
243Kb / 4P
   P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com