Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S7805PI Datasheet(PDF) 3 Page - AUK corp

Part # S7805PI
Description  Fixed Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S7805PI Datasheet(HTML) 3 Page - AUK corp

  S7805PI Datasheet HTML 1Page - AUK corp S7805PI Datasheet HTML 2Page - AUK corp S7805PI Datasheet HTML 3Page - AUK corp S7805PI Datasheet HTML 4Page - AUK corp S7805PI Datasheet HTML 5Page - AUK corp S7805PI Datasheet HTML 6Page - AUK corp S7805PI Datasheet HTML 7Page - AUK corp S7805PI Datasheet HTML 8Page - AUK corp S7805PI Datasheet HTML 9Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
KSI-2016-003
3
S78xxPI
Electrical Characteristics
(VIN = 11V, IOUT = 500mA, Tj = 0°C ~ 125°C, Unless otherwise noted)
S7806PI
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Tj =25℃
5.75
6.0
6.25
Output Voltage
VOUT
IOUT=5mA ~ 1A
VIN=8.0V ~ 21V, PO≤ 15W
5.7
6.0
6.3
V
VIN=8.0V ~ 25V
-
5
120
Line Regulation
VOUT
VIN=9.0V ~ 13V
Tj =25℃
-
1.5
60
mV
IOUT=5mA ~ 1.5A
-
14
120
Load Regulation
VOUT
IOUT=250mA ~ 750mA
Tj =25℃
-
4
60
mV
Quiescent Current
IB
Tj =25℃
-
4.3
8.0
mA
VIN = 8.0V ~ 25V
-
-
1.3
Quiescent Current Change
IB
IOUT = 5mA ~ 1A
-
-
0.5
mA
Output Noise Voltage
VN
f=10Hz ~ 100KHz
Tj =25℃
-
45
-
uVrms
Ripple Rejection Ratio
RR
f=120
Hz, VIN =9.0V ~ 19V
59
75
-
dB
Dropout Voltage
VD
IOUT=1A
Tj =25℃
-
2.0
-
V
Short Circuit Current Limit
ISC
Tj =25℃
-
0.55
-
A
Output Voltage Drift
TCVO
IOUT=5mA
Tj =25℃
-
-0.8
-
mV/
°C
Peak Output Current
IPK
Tj =25℃
-
2.2
-
A
Pulse testing techniques are used to maintain the junction temperature as close to the ambient
temperature as possible. Thermal effects must be taken into separately.


Similar Part No. - S7805PI

ManufacturerPart #DatasheetDescription
logo
AUK corp
S7805PIC AUK-S7805PIC Datasheet
282Kb / 10P
   Fixed Voltage Regulator
S7805PIC AUK-S7805PIC Datasheet
287Kb / 11P
   Fixed Voltage Regulator
S7805PIC AUK-S7805PIC_06 Datasheet
287Kb / 11P
   Fixed Voltage Regulator
More results

Similar Description - S7805PI

ManufacturerPart #DatasheetDescription
logo
AUK corp
S79XXD AUK-S79XXD Datasheet
264Kb / 8P
   Fixed Voltage Regulator
S78XXD AUK-S78XXD Datasheet
274Kb / 10P
   Fixed Voltage Regulator
S7805P AUK-S7805P Datasheet
149Kb / 3P
   Fixed Voltage Regulator
S7805PIC AUK-S7805PIC_06 Datasheet
287Kb / 11P
   Fixed Voltage Regulator
S78XXPIC AUK-S78XXPIC Datasheet
282Kb / 10P
   Fixed Voltage Regulator
S79XXD AUK-S79XXD_1 Datasheet
294Kb / 8P
   Fixed Voltage Regulator
S7805D AUK-S7805D_06 Datasheet
287Kb / 11P
   Fixed Voltage Regulator
S78XXP AUK-S78XXP Datasheet
303Kb / 11P
   Fixed Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM78LXX HTC-LM78LXX Datasheet
280Kb / 13P
   FIXED VOLTAGE REGULATOR
logo
Seaward Electronics Inc...
SE78MXX SEAWARD-SE78MXX Datasheet
163Kb / 4P
   Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com