Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRW-24HP Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TRW-24HP
Description  Wireless 2.4Ghz 500mW Transceiver RF Module
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRW-24HP Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TRW-24HP Datasheet HTML 1Page - List of Unclassifed Manufacturers TRW-24HP Datasheet HTML 2Page - List of Unclassifed Manufacturers TRW-24HP Datasheet HTML 3Page - List of Unclassifed Manufacturers TRW-24HP Datasheet HTML 4Page - List of Unclassifed Manufacturers TRW-24HP Datasheet HTML 5Page - List of Unclassifed Manufacturers TRW-24HP Datasheet HTML 6Page - List of Unclassifed Manufacturers TRW-24HP Datasheet HTML 7Page - List of Unclassifed Manufacturers TRW-24HP Datasheet HTML 8Page - List of Unclassifed Manufacturers TRW-24HP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
http://www.wenshing.com.tw ; http://www.rf.net.tw
T RW-24HP Datasheet P.3
Specification
Input sensitivity: -95dBm(1MBPS)
3 separate 32 bytes TX and RX FIFOs
Automatic Packet Handling
RF Channels: 126
Built-in Antenna connector
Parameter
Specification
Unit
Condition
Min
Type
Max
Frequency Range
2.4
2.4835
GHz
Receiver Sensitivity
-98
-91
dBm
1Mbps
Data Rate
1
2
M Bit
GFSK
Supply Voltage, VDD
3.7
5.5
V
DC
TX Current
300
mA
RX Current
mA
Power down Current
1
uA
Power down Mode
standby-I mode Current
26
uA
standby-I mode
standby-II mode Current
360
uA
standby-II mode
Disable Current
uA
Enable PIN is LO
Power up time
100
ms
Disable to Enable time
Operating Temperature
-20
+70
°C
Frequency Range: 2.400GHz~2.4835GHz
GFSK modulation
Output Power: +27dBm 500mW (5V)
Data Rates: from 1 to 2M bits/Sec
Low Working Voltage: 3.7V~5.5V
RoHS Compliant


Similar Part No. - TRW-24HP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRW-24C ETC2-TRW-24C Datasheet
703Kb / 24P
   Wireless Low Cost 2.4GHz Hi Power 19dBm RF Transceiver Module
TRW-24DSHI ETC2-TRW-24DSHI Datasheet
457Kb / 7P
   2.4GHz Direct Sequence Spread Spectrum Hi Power Module
TRW-24DSMCU ETC2-TRW-24DSMCU Datasheet
498Kb / 8P
   2.4G Direct Sequence Spread Spectrum RF Module
TRW-24DSSS ETC2-TRW-24DSSS Datasheet
781Kb / 4P
   2.4GHz Direct Sequence Spread Spectrum RF Module
TRW-24G ETC2-TRW-24G Datasheet
1Mb / 59P
   wireless high frequency transceiver module
More results

Similar Description - TRW-24HP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRW-24C ETC2-TRW-24C Datasheet
703Kb / 24P
   Wireless Low Cost 2.4GHz Hi Power 19dBm RF Transceiver Module
logo
Micro Linear Corporatio...
ML2712 MICRO-LINEAR-ML2712 Datasheet
293Kb / 22P
   2.4GHz RF Transceiver
logo
List of Unclassifed Man...
TRW-V4B-V ETC2-TRW-V4B-V Datasheet
524Kb / 6P
   Wireless Voice Transceiver RF Module
TRW-909HI ETC2-TRW-909HI Datasheet
569Kb / 10P
   Wireless High Power Transceiver RF Module
TRW-960S ETC2-TRW-960S Datasheet
272Kb / 4P
   Wireless Low Power Transceiver RF Module
WD01 ETC-WD01 Datasheet
87Kb / 7P
   Wireless Controller Module with RF Transceiver
TRW-925A ETC2-TRW-925A Datasheet
545Kb / 5P
   Wireless Low Power Transceiver RF Module
TRW-V4B-D ETC2-TRW-V4B-D Datasheet
738Kb / 8P
   Wireless Low Power Transceiver RF Module
TRW-V8-433-P ETC2-TRW-V8-433-P Datasheet
1Mb / 13P
   433MHz Wireless RF Hi Power Transceiver Module
TRW-V8-925-P ETC2-TRW-V8-925-P Datasheet
1Mb / 13P
   925MHz Wireless RF Hi Power Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com