Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G9090 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G9090
Description  300mA Low-Dropout Linear Regulators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G9090 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G9090 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G9090 Datasheet HTML 2Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ver: 0.2
Aug 29, 2012
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G9090
Global Mixed-mode Technology
Ordering Information
ORDER
NUMBER
MARKING
VOLTAGE
TEMP.
RANGE
PACKAGE
(Green)
G9090-120T11U
990Ax
1.20V
-40°C~ +85°C
SOT-23-5
G9090-150T11U
990Dx
1.50V
-40°C~ +85°C
SOT-23-5
G9090-180T11U
990Fx
1.80V
-40°C~ +85°C
SOT-23-5
G9090-250T11U
990Ix
2.50V
-40°C~ +85°C
SOT-23-5
G9090-280T11U
990Lx
2.80V
-40°C~ +85°C
SOT-23-5
G9090-285T11U
990Qx
2.85V
-40°C~ +85°C
SOT-23-5
G9090-300T11U
990Mx
3.00V
-40°C~ +85°C
SOT-23-5
G9090-330T11U
990Ox
3.30V
-40°C~ +85°C
SOT-23-5
G9090-500T11U
990Sx
5.00V
-40°C~ +85°C
SOT-23-5
G9090-120T12U
99BAx
1.20V
-40°C~ +85°C
SOT-23-5
G9090-150T12U
99BDx
1.50V
-40°C~ +85°C
SOT-23-5
G9090-330T12U
99BOx
3.30V
-40°C~ +85°C
SOT-23-5
G9090-475T12U
99BPx
4.75V
-40°C~ +85°C
SOT-23-5
G9090-500T12U
99BSx
5.00V
-40°C~ +85°C
SOT-23-5
G9090-120TO1U
990Ax
1.20V
-40°C~ +85°C
TSOT-23-5
G9090-180TO1U
990Fx
1.80V
-40°C~ +85°C
TSOT-23-5
G9090-250TO1U
990Ix
2.50V
-40°C~ +85°C
TSOT-23-5
G9090-310TO1U
990Rx
3.10V
-40°C~ +85°C
TSOT-23-5
G9090-500TO1U
990Sx
5.00V
-40°C~ +85°C
TSOT-23-5
G9090-250TV1U
99Ix
2.50V
-40°C~ +85°C
SC-70-4 (SC-82/ SOT-343)
G9090-280TV1U
99Lx
2.80V
-40°C~ +85°C
SC-70-4 (SC-82/ SOT-343)
G9090-330TV1U
99Ox
3.30V
-40°C~ +85°C
SC-70-4 (SC-82/ SOT-343)
G9090-500TV1U
99Sx
5.00V
-40°C~ +85°C
SC-70-4 (SC-82/ SOT-343)
G9090-250TA1U
99Ix
2.50V
-40°C~ +85°C
SC-70-5 (SOT-353)
G9090-280TA1U
99Lx
2.80V
-40°C~ +85°C
SC-70-5 (SOT-353)
G9090-300TA1U
99Mx
3.00V
-40°C~ +85°C
SC-70-5 (SOT-353)
G9090-310TA1U
99Rx
3.10V
-40°C~ +85°C
SC-70-5 (SOT-353)
G9090-330TA1U
99Ox
3.30V
-40°C~ +85°C
SC-70-5 (SOT-353)
G9090-500TA1U
99Sx
5.00V
-40°C~ +85°C
SC-70-5 (SOT-353)
G9090-250RB1U
9090I
2.50V
-40°C~ +85°C
TDFN2X2-6
G9090-280RB1U
9090L
2.80V
-40°C~ +85°C
TDFN2X2-6
G9090-330RB1U
9090O
3.30V
-40°C~ +85°C
TDFN2X2-6
G9090-500RB1U
9090S
5.00V
-40°C~ +85°C
TDFN2X2-6
G9090-250RC1U
9090I
2.50V
-40°C~ +85°C
TDFN2X2-8
G9090-280RC1U
9090L
2.80V
-40°C~ +85°C
TDFN2X2-8
G9090-330RC1U
9090O
3.30V
-40°C~ +85°C
TDFN2X2-8
G9090-500RC1U
9090S
5.00V
-40°C~ +85°C
TDFN2X2-8
For other output voltage, please contact us at sales@gmt.com.tw
Note: T1: SOT23-5
TO: TSOT-23-5
TV: SC-70-4 (SC-82/ SOT-343)
TA: SC-70-5 (SOT-353)
RB: TDFN2X2-6
RC: TDFN2X2-8
1& 2: Bonding Code
U: Tape & Reel


Similar Part No. - G9090

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
   150mA Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
G9092 GMT-G9092 Datasheet
42Kb / 2P
   Dual, 300mA Low-Dropout Linear Regulators
G9093 GMT-G9093 Datasheet
33Kb / 1P
   Dual, 300mA Low-Dropout Linear Regulators
More results

Similar Description - G9090

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G913 GMT-G913 Datasheet
85Kb / 1P
   300mA Low-Dropout Linear Regulators
G9002 GMT-G9002 Datasheet
58Kb / 2P
   300mA Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131 Datasheet
264Kb / 10P
   300mA Low-Dropout Linear Regulators
G9291 GMT-G9291 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
   300mA Low-Dropout Linear Regulators
G9093 GMT-G9093 Datasheet
33Kb / 1P
   Dual, 300mA Low-Dropout Linear Regulators
G9052 GMT-G9052 Datasheet
37Kb / 1P
   Dual, 300mA Low-Dropout Linear Regulators
G9292 GMT-G9292 Datasheet
53Kb / 2P
   Dual, 300mA Low-Dropout Linear Regulators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com