Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FW344A Datasheet(PDF) 6 Page - ON Semiconductor

Part # FW344A
Description  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FW344A Datasheet(HTML) 6 Page - ON Semiconductor

  FW344A Datasheet HTML 1Page - ON Semiconductor FW344A Datasheet HTML 2Page - ON Semiconductor FW344A Datasheet HTML 3Page - ON Semiconductor FW344A Datasheet HTML 4Page - ON Semiconductor FW344A Datasheet HTML 5Page - ON Semiconductor FW344A Datasheet HTML 6Page - ON Semiconductor FW344A Datasheet HTML 7Page - ON Semiconductor FW344A Datasheet HTML 8Page - ON Semiconductor FW344A Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IT16760
IT16759
0
20
40
60
80
100
120
140
160
0
0.5
1.0
1.5
1.7
1.4
2.0
1u
nit
To
tal
Dissipation
PD (FET1) -- PD (FET2)
0
0
0.4
0.8
0.2
0.6
0.4
1.2
1.0
1.2
1.0
0.8
0.2
0.6
1.4
1.4
1.6
1.6
Ambient Temperature, Ta --
°C
PD -- Ta
[Nch/Pch]
When mounted on ceramic substrate
(2000mm2
×0.8mm)
When mounted on ceramic substrate
(2000mm2
×0.8mm)
Allowable Power Dissipation (FET1), PD -- W
Taping Specification
FW344A-TL-2W
FW344A
No.8998-6/9


Similar Part No. - FW344A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FW344A SANYO-FW344A Datasheet
439Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
logo
SHENZHEN DOINGTER SEMIC...
FW344A DOINGTER-FW344A Datasheet
3Mb / 8P
   N-Channel and P-Channel MOSFET use advanced trench technology
More results

Similar Description - FW344A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com