Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV4910T Datasheet(PDF) 2 Page - ON Semiconductor

Part # LV4910T
Description  Class-D Audio Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV4910T Datasheet(HTML) 2 Page - ON Semiconductor

  LV4910T Datasheet HTML 1Page - ON Semiconductor LV4910T Datasheet HTML 2Page - ON Semiconductor LV4910T Datasheet HTML 3Page - ON Semiconductor LV4910T Datasheet HTML 4Page - ON Semiconductor LV4910T Datasheet HTML 5Page - ON Semiconductor LV4910T Datasheet HTML 6Page - ON Semiconductor LV4910T Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LV4910T
No.A0893-2/7
Operating Conditions at Ta = 25
C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
5V
Operation supply voltage range
VCC opg
2.5 to 5.5
V
Recommended load resistance
RL
Speaker
4
Electrical Characteristics Ta
 25C, VCC = 5V, f = 1kHz, RL = 4
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Standby current
Ist
Current at ST ON
1
A
Current at no signal
ICCO1
At LC filter-less
12
20
mA
Current at Mute
ICCO mute
At Mute of speaker
10
16
mA
Voltage gain
VG
VO = 0dBm
21
23
25
dB
Channel balance
VG
VO = 0dBm
-1
0
1
dB
Output power
PO
THD = 10%
2
W
Total harmonic distortion
THD
PO = 0.5W, DIN AUDIO
0.4
0.7
%
Output noise voltage
VNO
Rg = 0, DIN AUDIO
100
200
V
Crosstalk
CT
VO = 0dBm, TUN 1kHz
-60
-40
dB
Ripple rejection ratio
RR
fr = 100Hz, Vr = -10dBm, TUN 100Hz
-40
-30
dB
Common mode rejection ratio
CMRR
VO = 0dBm, DIN AUDIO
-60
-40
dB
Mute attenuation value
VOFF
VO = 0dBm, DIN AUDIO
-80
-70
dB
Oscillation frequency
FPWM
300
kHz
Standby ON voltage sensitivity
VPWROFF
Standby ON start voltage
1
V
Standby OFF voltage sensitivity
VPWRON
Standby OFF start voltage
3
V
Mute ON voltage sensitivity
VMUTEON
Mute ON start voltage
0.5
V
Mute OFF voltage sensitivity
VMUTEOFF
Mute OFF start voltage
2
V
* Electrical characteristics vary depending on the substrate layout and selection of external parts.
For measurement of the above characteristics, the coil : 22
H (Toko Kabushiki Kaisha made D63CB) is used.
Package Dimensions
unit : mm (typ)
3259
SANYO : TSSOP30(275mil)
0.65
9.75
0.15
1
15
30
16
0.22
(0.33)
Pd max -- Ta
Ambient temperature, Ta – °C
0
1.05
0.63
1.0
0.5
1.5
– 20
80
60
20
40
0100


Similar Part No. - LV4910T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV4910T SANYO-LV4910T Datasheet
87Kb / 7P
   Bi-CMOS LSI Class-D Audio Power Amplifier BTL 2W 횞 2ch
More results

Similar Description - LV4910T

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
   Class-D Audio Power Amplifier
logo
Analog Devices
ADAU1592 AD-ADAU1592 Datasheet
540Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1590 AD-ADAU1590_15 Datasheet
1Mb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1592 AD-ADAU1592_15 Datasheet
607Kb / 24P
   Class-D Audio Power Amplifier
REV. A
logo
ON Semiconductor
LV4924VH ONSEMI-LV4924VH Datasheet
436Kb / 15P
   Class-D Audio power Amplifier
May, 2013
logo
International Rectifier
IRAUDAMP9 IRF-IRAUDAMP9_15 Datasheet
4Mb / 39P
   Class D Audio Power Amplifier
logo
Shenzhenshi YONGFUKANG ...
CSC8008 YONGFUKANG-CSC8008 Datasheet
301Kb / 7P
   Class D audio power amplifier
logo
Analog Devices
ADAU1590 AD-ADAU1590 Datasheet
584Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
logo
AiT Semiconductor Inc.
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
   AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com