Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV8702V-TLM-H Datasheet(PDF) 9 Page - ON Semiconductor

Part # LV8702V-TLM-H
Description  PWM Current Control High-efficient Stepper Motor Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV8702V-TLM-H Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LV8702V-TLM-H Datasheet HTML 5Page - ON Semiconductor LV8702V-TLM-H Datasheet HTML 6Page - ON Semiconductor LV8702V-TLM-H Datasheet HTML 7Page - ON Semiconductor LV8702V-TLM-H Datasheet HTML 8Page - ON Semiconductor LV8702V-TLM-H Datasheet HTML 9Page - ON Semiconductor LV8702V-TLM-H Datasheet HTML 10Page - ON Semiconductor LV8702V-TLM-H Datasheet HTML 11Page - ON Semiconductor LV8702V-TLM-H Datasheet HTML 12Page - ON Semiconductor LV8702V-TLM-H Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
LV8702V
www.onsemi.com
9
Pin Functions
Pin No.
Pin name
Description
1
SWOUT
Control signal output pin
2
CP2
Capacitor connection pin for charge pump
3
CP1
Capacitor connection pin for charge pump
4
GMG2
Driving capability margin adjuster pin
5
GMG1
Driving capability margin adjuster pin
6
GAD
High-efficient drive switching pin
7
FR
Forward/ reverse signal input pin
8
STEP
STEP signal input pin
9
ST
Chip enable pin
10
RST
RESET signal input pin
11
ADIN
Control signal input pin
12
MD2
Excitation mode switching pin
13
MD1
Excitation mode switching pin
14
VREG5
Capacitor connection pin for internal power supply
15
DST2
Drive status warning output pin
16
DST1
Drive status warning output pin
17
MONI
Position detection monitor pin
18
OE
Output enable signal input pin
19
SST
Motor stop detection output pin
20
CHOP
Capacitor connection pin for chopping frequency setting
21
VREF
Constant current control reference voltage input pin
22
SGND
Signal GND
23
GST2
Boost-up adjuster pin
24
GST1
Boost-up adjuster pin
25
PGND2
2ch power GND
26, 27
OUT2B
2ch OUTB output pin
28, 29
VM2
2ch motor power supply connection pin
30, 31
RF2
2ch current sense resistor connection pin
32, 33
OUT2A
2ch OUTA output pin
34, 35
OUT1B
1ch OUTB output pin
36, 37
RF1
1ch current sense resistor connection pin
38, 39
VM1
1ch motor power supply connection pin
40, 41
OUT1A
1ch OUTA output pin
42
PGND1
1ch power GND
43
VG
Capacitor connection pin for charge pump
44
VM
Motor power supply connection pin


Similar Part No. - LV8702V-TLM-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8702V SANYO-LV8702V Datasheet
351Kb / 24P
   PWM Current Control High-efficient Stepping Motor Driver
More results

Similar Description - LV8702V-TLM-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8741V ONSEMI-LV8741V Datasheet
377Kb / 28P
   PWM Current Control Stepper Motor Driver
June 2015 - Rev. 2
LV8740V ONSEMI-LV8740V Datasheet
368Kb / 25P
   PWM Current Control Stepper Motor Driver
April, 2013
logo
Sanyo Semicon Device
LV8702V SANYO-LV8702V Datasheet
351Kb / 24P
   PWM Current Control High-efficient Stepping Motor Driver
logo
ON Semiconductor
LV8734V ONSEMI-LV8734V Datasheet
310Kb / 26P
   PWM Constant-Current Control Stepper Motor Driver
June, 2013
LV8735V ONSEMI-LV8735V Datasheet
366Kb / 26P
   PWM Constant-Current Control Stepper Motor Driver
April, 2013
LV8729V ONSEMI-LV8729V Datasheet
543Kb / 21P
   PWM Constant-Current Control Stepper Motor Driver
June, 2014
LV8732V-TLM-H ONSEMI-LV8732V-TLM-H Datasheet
327Kb / 26P
   PWM Constant-Current Control Stepper Motor Driver
June, 2013
LV8746V ONSEMI-LV8746V Datasheet
362Kb / 24P
   PWM Constant-Current Control Stepper Motor Driver
July, 2013
LV8731V-TLM-H ONSEMI-LV8731V-TLM-H Datasheet
331Kb / 26P
   PWM Constant-Current Control Stepper Motor Driver
June, 2013
LV8740V ONSEMI-LV8740V_13 Datasheet
368Kb / 25P
   PWM Cuttent Control Stepper Motor Driver
April, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com