Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRP400100CTL Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBRP400100CTL
Description  Switch-mode Power Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRP400100CTL Datasheet(HTML) 2 Page - ON Semiconductor

  MBRP400100CTL Datasheet HTML 1Page - ON Semiconductor MBRP400100CTL Datasheet HTML 2Page - ON Semiconductor MBRP400100CTL Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBRP400100CTL
www.onsemi.com
2
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Resistance, Junction−to−Case
Per Leg
RqJC
0.45
°C/W
ELECTRICAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage (Note 1)
Per Leg
VF
TC = 25°C
TC = 125°C
V
(IF = 200 A)
(IF = 400 A)
0.83
0.97
0.69
0.82
Maximum Instantaneous Reverse Current (Note 1)
Per Leg
IR
TC = 25°C
TC = 125°C
mA
(Rated DC Voltage)
6.0
80
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Pulse Test: Pulse Width = 380 ms, Duty Cycle v 2%.
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current
0.8
0.2
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
1000
100
VR, REVERSE VOLTAGE (VOLTS)
55
10E-3
1E-3
10E-6
10
1.0
0.3
0.4
0.5
0.6
105
65
75
95
85
100E-3
0.7
TJ = 150°C
125
°C
100
°C
25
°C
TJ = 150°C
100
°C
25
°C
100E-6


Similar Part No. - MBRP400100CTL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRP400100CTL MOTOROLA-MBRP400100CTL Datasheet
63Kb / 2P
   POWERTAP II??SWITCHMODE??Power Rectifier
logo
Microsemi Corporation
MBRP400100CTL MICROSEMI-MBRP400100CTL Datasheet
122Kb / 2P
   Schottky PowerMod
More results

Similar Description - MBRP400100CTL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR1620CTRG ONSEMI-MUR1620CTRG Datasheet
78Kb / 6P
   Switch Mode Power Rectifier
January, 2015 ??Rev. 9
MBR4015CTLG ONSEMI-MBR4015CTLG Datasheet
84Kb / 4P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 7
MBR40L45CTG ONSEMI-MBR40L45CTG_15 Datasheet
100Kb / 6P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 3
MURHF860CT ONSEMI-MURHF860CT Datasheet
55Kb / 3P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 6
MBR30L45CTG ONSEMI-MBR30L45CTG_16 Datasheet
76Kb / 7P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 3
MBR30L60CTG ONSEMI-MBR30L60CTG Datasheet
85Kb / 7P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 2
MBR20H100CTG ONSEMI-MBR20H100CTG Datasheet
122Kb / 9P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 12
MBR6045WTG ONSEMI-MBR6045WTG Datasheet
57Kb / 3P
   Switch Mode Power Rectifier
July, 2014 ??Rev. 10
MUR550APFG ONSEMI-MUR550APFG Datasheet
351Kb / 13P
   Switch-mode Power Rectifier
August, 2020 - Rev. 11
MUR620CTG ONSEMI-MUR620CTG_15 Datasheet
64Kb / 4P
   Switch Mode Power Rectifier
January, 2015 ??Rev. 5
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com