Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMFT2955ET1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMFT2955ET1G
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMFT2955ET1G Datasheet(HTML) 3 Page - ON Semiconductor

  MMFT2955ET1G Datasheet HTML 1Page - ON Semiconductor MMFT2955ET1G Datasheet HTML 2Page - ON Semiconductor MMFT2955ET1G Datasheet HTML 3Page - ON Semiconductor MMFT2955ET1G Datasheet HTML 4Page - ON Semiconductor MMFT2955ET1G Datasheet HTML 5Page - ON Semiconductor MMFT2955ET1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMFT2955E
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 3. Transfer Characteristics
Figure 4. On−Resistance versus Drain Current
Figure 5. On−Resistance versus
Gate−to−Source Voltage
Figure 6. On−Resistance versus
Junction Temperature
8
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
6
4
2
0
10
8
6
4
2
0
VDS = 10 V
−55
°C
25
°C
100
°C
−55
°C
25
°C
100
°C
−55
°C
ID, DRAIN CURRENT (AMPS)
0.6
0
0.5
0.4
0.3
0.2
0.1
0
24
6
8
VGS = 10 V
100
°C
25
°C
−55
°C
0.5
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
4
0.4
0.2
0.1
0
0.3
710
13
16
19
TJ = 25°C
ID = 1.2 A
0.5
TJ, JUNCTION TEMPERATURE (°C)
0.4
0.2
0.1
0
0.3
−50
0
50
100
150
VGS = 10 V
ID = 1.2 A
FORWARD BIASED SAFE OPERATING AREA
The FBSOA curves define the maximum drain−to−source
voltage and drain current that a device can safely handle
when it is forward biased, or when it is on, or being turned
on. Because these curves include the limitations of
simultaneous high voltage and high current, up to the rating
of the device, they are especially useful to designers of linear
systems. The curves are based on a ambient temperature of
25°C and a maximum junction temperature of 150°C.
Limitations for repetitive pulses at various ambient
temperatures can be determined by using the thermal
response curves. ON Semiconductor Application Note,
AN569, “Transient Thermal Resistance−General Data and
Its Use” provides detailed instructions.
SWITCHING SAFE OPERATING AREA
The switching safe operating area (SOA) is the boundary
that the load line may traverse without incurring damage to
the MOSFET. The fundamental limits are the peak current,
IDM and the breakdown voltage, BVDSS. The switching
SOA is applicable for both turn−on and turn−off of the
devices for switching times less than one microsecond.
Figure 7. Maximum Rated Forward Biased
Safe Operating Area
1
0.1
0.01
0.1
10
100
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
10
1 s
DC
500 ms
1
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
100 ms
20ms
VGS = 20 V
SINGLE PULSE
TA = 25°C


Similar Part No. - MMFT2955ET1G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMFT2955E MOTOROLA-MMFT2955E Datasheet
178Kb / 10P
   TMOS MEDIUM POWER FET 1.2 AMP 60 VOLTS
More results

Similar Description - MMFT2955ET1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com