Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTD2955E Datasheet(PDF) 1 Page - ON Semiconductor

Part # MTD2955E
Description  Power Field Effect
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTD2955E Datasheet(HTML) 1 Page - ON Semiconductor

  MTD2955E Datasheet HTML 1Page - ON Semiconductor MTD2955E Datasheet HTML 2Page - ON Semiconductor MTD2955E Datasheet HTML 3Page - ON Semiconductor MTD2955E Datasheet HTML 4Page - ON Semiconductor MTD2955E Datasheet HTML 5Page - ON Semiconductor MTD2955E Datasheet HTML 6Page - ON Semiconductor MTD2955E Datasheet HTML 7Page - ON Semiconductor MTD2955E Datasheet HTML 8Page - ON Semiconductor MTD2955E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2013
May, 2013 − Rev. 8
1
Publication Order Number:
MTD2955E/D
MTD2955E
Power Field Effect
Transistor DPAK for Surface
Mount
P−Channel Enhancement−Mode Silicon
Gate
This advanced MOSFET is designed to withstand high energy in the
avalanche and commutation modes. The new energy efficient design
also offers a drain−to−source diode with a fast recovery time.
Designed for low voltage, high speed switching applications in power
supplies, converters and PWM motor controls, these devices are
particularly well suited for bridge circuits where diode speed and
commutating safe operating areas are critical and offer additional
safety margin against unexpected voltage transients.
Avalanche Energy Specified
Source−to−Drain Diode Recovery Time Comparable to a Discrete
Fast Recovery Diode
Diode is Characterized for Use in Bridge Circuits
IDSS and VDS(on) Specified at Elevated Temperature
Surface Mount Package Available in 16 mm, 13 inch /
2500 Unit Tape & Reel, Add T4 Suffix to Part Number
Replaces the MTD2955
http://onsemi.com
Device
Package
Shipping†
ORDERING INFORMATION
MTD2955ET4
DPAK
2500/ Tape & Reel
DPAK
SUFFIX
CASE 369A
Style 2
MARKING
DIAGRAM
T2955E
= Specific Device Code
Y
= Year
WW
= Work Week
POWER FET
12 AMPERES
60 VOLTS
RDS(on) = 0.3 W
D
S
G
YWW
T2955E
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Similar Part No. - MTD2955E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD2955E MOTOROLA-MTD2955E Datasheet
243Kb / 10P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.3 OHM
logo
Inchange Semiconductor ...
MTD2955E ISC-MTD2955E Datasheet
346Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
MTD2955ET4G VBSEMI-MTD2955ET4G Datasheet
985Kb / 8P
   P-Channel 60-V (D-S) MOSFET
More results

Similar Description - MTD2955E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTY14N100E ONSEMI-MTY14N100E Datasheet
214Kb / 7P
   Power Field Effect
August, 2006 ??Rev. 1
logo
Motorola, Inc
MTM15N40E MOTOROLA-MTM15N40E Datasheet
170Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
MTD5N05 MOTOROLA-MTD5N05 Datasheet
172Kb / 5P
   Power Field Effect Transistors
MTH6N55 MOTOROLA-MTH6N55 Datasheet
232Kb / 6P
   Power Field Effect Transistor
MTM25N10 MOTOROLA-MTM25N10 Datasheet
169Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
CMT18N20 ETC1-CMT18N20 Datasheet
199Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
Motorola, Inc
MTP5N20 MOTOROLA-MTP5N20 Datasheet
165Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
MTP15N05EL MOTOROLA-MTP15N05EL Datasheet
164Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
logo
Champion Microelectroni...
CMT14N50 CHAMP-CMT14N50 Datasheet
253Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
Motorola, Inc
MTM12P10 MOTOROLA-MTM12P10 Datasheet
169Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com