Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTD15N06VLT4 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MTD15N06VLT4
Description  Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTD15N06VLT4 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MTD15N06VLT4 Datasheet HTML 2Page - ON Semiconductor MTD15N06VLT4 Datasheet HTML 3Page - ON Semiconductor MTD15N06VLT4 Datasheet HTML 4Page - ON Semiconductor MTD15N06VLT4 Datasheet HTML 5Page - ON Semiconductor MTD15N06VLT4 Datasheet HTML 6Page - ON Semiconductor MTD15N06VLT4 Datasheet HTML 7Page - ON Semiconductor MTD15N06VLT4 Datasheet HTML 8Page - ON Semiconductor MTD15N06VLT4 Datasheet HTML 9Page - ON Semiconductor MTD15N06VLT4 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MTD15N06VL
http://onsemi.com
7
INFORMATION FOR USING THE DPAK SURFACE MOUNT PACKAGE
RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the
total design. The footprint for the semiconductor packages
must be the correct size to ensure proper solder connection
interface between the board and the package. With the
correct pad geometry, the packages will self align when
subjected to a solder reflow process.
DPAK
5.80
0.228
2.58
0.101
1.6
0.063
6.20
0.244
3.0
0.118
6.172
0.243
mm
inches
SCALE 3:1
POWER DISSIPATION FOR A SURFACE MOUNT DEVICE
The power dissipation for a surface mount device is a
function of the drain pad size. These can vary from the
minimum pad size for soldering to a pad size given for
maximum power dissipation. Power dissipation for a
surface mount device is determined by TJ(max), the
maximum rated junction temperature of the die, RqJA, the
thermal resistance from the device junction to ambient, and
the operating temperature, TA. Using the values provided
on the data sheet, PD can be calculated as follows:
PD =
TJ(max) − TA
RqJA
The values for the equation are found in the maximum
ratings table on the data sheet. Substituting these values
into the equation for an ambient temperature TA of 25°C,
one can calculate the power dissipation of the device. For a
DPAK device, PD is calculated as follows.
PD = 175°C − 25°C
71.4°C/W
= 2.1 Watts
The 71.4°C/W for the DPAK package assumes the use of
0.5 sq. in. source pad on a glass epoxy printed circuit board
to achieve a power dissipation of 2.1 W. There are other
alternatives to achieving higher power dissipation from the
surface mount packages. One is to increase the area of the
drain pad. By increasing the area of the drain pad, the
power dissipation can be increased. Although one can
almost double the power dissipation with this method, one
will be giving up area on the printed circuit board which
can defeat the purpose of using surface mount technology.
For example, a graph of RqJA versus drain pad area is
shown in Figure 15.
Figure 15. Thermal Resistance versus Drain Pad
Area for the DPAK Package (Typical)
2.1 Watts
Board Material = 0.0625
G−10/FR−4, 2 oz Copper
80
100
60
40
20
10
8
6
4
2
0
3.6 Watts
6.0 Watts
TA = 25°C
A, AREA (SQUARE INCHES)


Similar Part No. - MTD15N06VLT4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD15N06VL MOTOROLA-MTD15N06VL Datasheet
179Kb / 10P
   TMOS POWER FET 15 AMPERES 60 VOLTS RDS(on) = 0.085 OHM
More results

Similar Description - MTD15N06VLT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com