Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCL30085BDR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCL30085BDR2G
Description  Quasi-Resonant Primary Side Current-Mode Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30085BDR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCL30085BDR2G Datasheet HTML 1Page - ON Semiconductor NCL30085BDR2G Datasheet HTML 2Page - ON Semiconductor NCL30085BDR2G Datasheet HTML 3Page - ON Semiconductor NCL30085BDR2G Datasheet HTML 4Page - ON Semiconductor NCL30085BDR2G Datasheet HTML 5Page - ON Semiconductor NCL30085BDR2G Datasheet HTML 6Page - ON Semiconductor NCL30085BDR2G Datasheet HTML 7Page - ON Semiconductor NCL30085BDR2G Datasheet HTML 8Page - ON Semiconductor NCL30085BDR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
© Semiconductor Components Industries, LLC, 2015
April, 2015 − Rev. 3
1
Publication Order Number:
NCL30085/D
NCL30085
Power Factor Corrected
Quasi-Resonant Primary
Side Current-Mode
Controller for LED Lighting
with Line Step Dimming and
Thermal Foldback
The NCL30085 is a power factor corrected flyback controller
targeting isolated and non−isolated constant current LED drivers. The
controller operates in a quasi−resonant mode to provide optimal
efficiency. Thanks to a novel control method, the device is able to
tightly regulate a constant LED current from the primary side. This
removes the need for secondary side feedback circuitry, biasing and an
optocoupler.
The device is highly integrated with a minimum number of external
components. A robust suite of safety protection is built in to simplify
the design. This device is specifically intended for very compact,
space efficient designs and supports 3 levels of log step dimming
which allows light output reduction by toggling the main AC switch
on and off to signal the controller to reduce the LED current point
down to 5% of full load.
Features
Quasi−resonant Peak Current−mode Control Operation
Constant Current Control with Primary Side Feedback
Tight LED Constant Current Regulation of ±2% Typical
Power Factor Correction
3 Step Dimming (70/25/5%)
Line Feedforward for Enhanced Regulation Accuracy
Low Start−up Current (10 mA typ.)
Wide Vcc Range
300 mA / 500 mA Totem Pole Driver with 12 V Gate Clamp
Robust Protection Features
OVP on VCC
Programmable Over Voltage / LED Open Circuit Protection
Cycle−by−cycle Peak Current Limit
Winding Short Circuit Protection
Secondary Diode Short Protection
Output Short Circuit Protection
Current Sense Short Protection
User Programmable NTC Based Thermal Foldback
Thermal Shutdown
Vcc Undervoltage Lockout
Brown−out Protection
Pb−Free, Halide−Free MSL1 Product
Typical Applications
Integral LED Bulbs and Tubes
LED Light Engines
LED Drivers/Power Supplies
www.onsemi.com
SOIC−8 NB
CASE 751
PIN CONNECTIONS
MARKING DIAGRAM
(Top View)
L30085x = Specific Device Code
x = A, B
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb-Free Package
See detailed ordering and shipping information in the package
dimensions section on page 26 of this data sheet.
ORDERING INFORMATION
VCC
DRV
GND
1
CS
VS
COMP
ZCD
SD
1
8
L30085x
ALYW
G
1
8


Similar Part No. - NCL30085BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30085BDR2G ONSEMI-NCL30085BDR2G Datasheet
316Kb / 27P
   Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 3
More results

Similar Description - NCL30085BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30080 ONSEMI-NCL30080_15 Datasheet
210Kb / 25P
   Quasi-Resonant Primary Side Current-Mode Controller
January, 2015 ??Rev. 3
NCL30085 ONSEMI-NCL30085 Datasheet
316Kb / 27P
   Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 3
NCP1370 ONSEMI-NCP1370 Datasheet
260Kb / 19P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller
February, 2016 ??Rev. P1
NCL30080 ONSEMI-NCL30080 Datasheet
258Kb / 21P
   Quasi-Resonant Primary Side Current-Mode Side Current-Mode
January, 2013 ??Rev. P0
NCL30082 ONSEMI-NCL30082_15 Datasheet
361Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Primary Side Current-Mode
January, 2015 ??Rev. 5
NCL30088 ONSEMI-NCL30088 Datasheet
386Kb / 26P
   Power Factor Corrected Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 4
NCL30080 ONSEMI-NCL30080_13 Datasheet
257Kb / 26P
   Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
NCL30185 ONSEMI-NCL30185 Datasheet
320Kb / 28P
   Power Factor Corrected Quasi-Resonant Primary Side Current-Mode Controller
February, 2016 ??Rev. 0
NCL30288 ONSEMI-NCL30288 Datasheet
205Kb / 15P
   Power Factor Corrected Quasi-Resonant Primary Side Current-Mode Controller
May, 2018 ??Rev. 0
NCL30081 ONSEMI-NCL30081 Datasheet
310Kb / 23P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2013 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com