Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5808 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G5808
Description  Single Cell Li-Ion Battery Linear Charger
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5808 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G5808 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.7
Aug 09, 2010
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G5808
Global Mixed-mode Technology Inc.
Single Cell Li-Ion Battery Linear Charger
Features
No External Power MOSFET, Sense Resistor or
Blocking Diode Required
1% Regulation Voltage Accuracy
Charge Single Cell Li-ion Battery from AC
Adapter or USB Port
Programmable Constant Charge Current Limit
up to 2A
Automatic Recharge
Complete Pre-Charge, Constant Current,
Constant Voltage and Charge Termination
Charge Procedure
NTC Thermistor Interface for Battery Tempera-
ture Detection
Internal input Overvoltage Lockout Protection
Circuit (VIN >6.5V)
Support for 5V Power Supply Voltage
Internal Thermal Protection Circuit
TDFN3X3-10,
TQFN3X3-16
and
TQFN4X4-16
Package Available
Applications
MP3 Players
Cellular Phones
PDAs
Hand-Held Devices
General Description
The G5808 is a complete standalone linear Li-Ion bat-
tery charger with a complete pre-charge, constant-
current and constant-voltage charge loop.
No external power MOSFET, sense resistor and block-
ing diode is required due to internal power MOSFET
architecture. The charge voltage is regulated at 4.2V,
and the charge current is programmable by an exter-
nal resistor up to 2A. After the final regulation voltage
is reached and the charge current drops to the pro-
grammed end-of-charge current, the open drain
NMOS
STATUS pin would be turn off automatically
and the charge loop would be terminated after timeout.
Other features include under voltage lockout, auto-
matic recharge, an NTC thermistor interface for
charging the battery in a safe range, over temperature
protection and two charge status indication pins.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G5808RE1U
5808
-40°C~ 85°C
TDFN3X3-10
G5808R41U
5808
-40°C~ 85°C
TQFN3X3-16
G5808R81U
5808
-40°C~ 85°C
TQFN4X4-16
Note: RE: TDFN3X3-10
R 4 : TQFN3X3-16
R8:TQFN4X4-16
1: Bonding Code
U: Tape & Reel
Pin Configuration
Note: Recommend connecting the Thermal Pad to the Ground or let it keep floating.
TDFN3X3-10
4
G5808
1
2
3
8
7
6
Thermal
Pad
STATUS
VIN
FAULT
TEMP
VBAT
V2P8
IREF
5
9
10
TIME
GND
EN
G5808 TQFN3X3-16/TQFN4X4-16
1
2
3
4
12
11
10
9
VBAT
TEMP
IMIN
IREF
Thermal
Pad
VIN
FAULT
STATUS
TIME
Note: Recommend connecting the Thermal Pad to the Ground or let it keep floating.
TDFN3X3-10
4
G5808
1
2
3
8
7
6
Thermal
Pad
STATUS
VIN
FAULT
TEMP
VBAT
V2P8
IREF
5
9
10
TIME
GND
EN
TDFN3X3-10
4
G5808
1
2
3
8
7
6
Thermal
Pad
STATUS
VIN
FAULT
TEMP
VBAT
V2P8
IREF
5
9
10
TIME
GND
EN
G5808 TQFN3X3-16/TQFN4X4-16
1
2
3
4
12
11
10
9
VBAT
TEMP
IMIN
IREF
Thermal
Pad
VIN
FAULT
STATUS
TIME


Similar Part No. - G5808

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5800 GMT-G5800 Datasheet
791Kb / 1P
   Mobile Phone Power Management System
G5800Q1R GMT-G5800Q1R Datasheet
791Kb / 1P
   Mobile Phone Power Management System
G5800Q1U GMT-G5800Q1U Datasheet
791Kb / 1P
   Mobile Phone Power Management System
G5803 GMT-G5803 Datasheet
76Kb / 1P
   1A Single Cell Li-Ion Battery Linear Charger
G5805 GMT-G5805 Datasheet
74Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
More results

Similar Description - G5808

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
   Linear Single Cell Li-Ion Battery Charger
logo
Global Mixed-mode Techn...
G5805 GMT-G5805 Datasheet
74Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
   Linear Single Cell Li-Ion Battery Charger IC
RT9505 RICHTEK-RT9505 Datasheet
287Kb / 11P
   Linear Single Cell Li-Ion Battery Charger IC
logo
Global Mixed-mode Techn...
G5803 GMT-G5803 Datasheet
76Kb / 1P
   1A Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9514 RICHTEK-RT9514 Datasheet
166Kb / 10P
   Linear Single Cell Li-Ion Battery Charger IC
RT9513 RICHTEK-RT9513 Datasheet
207Kb / 9P
   Linear Single Cell Li-Ion Battery Charger IC
logo
Monolithic Power System...
MP2603 MPS-MP2603 Datasheet
342Kb / 9P
   Single-Cell 150mA Linear Li-Ion Battery Charger
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com