Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317LA3 Datasheet(PDF) 7 Page - Cystech Electonics Corp.

Part # LM317LA3
Description  Three Terminal Adjustable Output Positive Voltage Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM317LA3 Datasheet(HTML) 7 Page - Cystech Electonics Corp.

Back Button LM317LA3 Datasheet HTML 3Page - Cystech Electonics Corp. LM317LA3 Datasheet HTML 4Page - Cystech Electonics Corp. LM317LA3 Datasheet HTML 5Page - Cystech Electonics Corp. LM317LA3 Datasheet HTML 6Page - Cystech Electonics Corp. LM317LA3 Datasheet HTML 7Page - Cystech Electonics Corp. LM317LA3 Datasheet HTML 8Page - Cystech Electonics Corp. LM317LA3 Datasheet HTML 9Page - Cystech Electonics Corp. LM317LA3 Datasheet HTML 10Page - Cystech Electonics Corp. LM317LA3 Datasheet HTML 11Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C148A3
Issued Date : 2014.03.21
Revised Date :
Page No. : 7/12
LM317LA3
CYStek Product Specification
Load Regulation
The LM317L is capable of providing extremely good load regulation, but a few precautions are needed to
obtain maximum performance. For best performance, the programming resistor (R1) should be connected
as close to the regulator as possible to minimize line drops which effectively appear in series with the
reference, thereby degrading regulation. The ground end of R2 can be returned near the load ground to
provide remote ground sensing and improve load regulation.
External Capacitors
A 0.1μF disc or 1.0μF tantalum input bypass capacitor (Cin) is recommended to reduce the sensitivity to
input line impedance.
The adjustment terminal may be bypassed to ground to improve ripple rejection. This capacitor (CAdj)
prevents ripple from being amplified as the output voltage is increased. A 10μF capacitor should improve
ripple rejection about 15 dB at 120 Hz in a 10V application.
Although the LM317L is stable with no output capacitance, like any feedback circuit, certain values of
external capacitance can cause excessive ringing. An output capacitance (Co) in the form of a 1.0μF
tantalum or 25μF aluminum electrolytic capacitor on the output swamps this effect and insures stability.
Protection Diodes
When external capacitors are used with any IC regulator, it is sometimes necessary to add protection
diodes to prevent the capacitors from discharging through low current points into the regulator.
Fig 6 shows the LM317L with the recommended protection diodes for output voltages in excess of 25V or
high capacitance values (Co>25μF,CAdj>10μF). Diode D1 prevents Co from discharging thru the IC
during an input short circuit. Diode D2 protects against capacitor CAdj discharging through the IC during
an output short circuit. The combination of diodes D1 and D2 prevents CAdj from discharging through the
IC during an input short circuit.
Fig 6. Voltage Regulator with Protection Diodes


Similar Part No. - LM317LA3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM317L NSC-LM317L Datasheet
442Kb / 17P
   3-Terminal Adjustable Regulator
logo
TAITRON Components Inco...
LM317L TAITRON-LM317L Datasheet
305Kb / 8P
   100mA Adjustable Positive Voltage Regulator
logo
ON Semiconductor
LM317L ONSEMI-LM317L Datasheet
184Kb / 12P
   LOW CURRENT THREE-TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
1996 Rev 1
logo
STMicroelectronics
LM317L STMICROELECTRONICS-LM317L Datasheet
290Kb / 18P
   Low current 1.2 to 37V adjustable voltage regulator
LM317L STMICROELECTRONICS-LM317L Datasheet
130Kb / 8P
   LOW CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
More results

Similar Description - LM317LA3

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK317 KODENSHI-KK317 Datasheet
195Kb / 4P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
PL317E3 CYSTEKEC-PL317E3 Datasheet
193Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
List of Unclassifed Man...
EP1017 ETC2-EP1017 Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL317 INTEGRAL-IL317 Datasheet
105Kb / 2P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cypress Semiconductor
LM317L3 CYPRESS-LM317L3 Datasheet
213Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
Eorex Corporation
EP1017 EOREX-EP1017 Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
PL317F3 CYSTEKEC-PL317F3 Datasheet
191Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
IK Semicon Co., Ltd
IL317 IKSEMICON-IL317 Datasheet
299Kb / 5P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM317E3 CYSTEKEC-LM317E3 Datasheet
218Kb / 10P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
Eorex Corporation
EP1017 EOREX-EP1017_15 Datasheet
382Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com