Electronic Components Datasheet Search |
|
LM1117E3 Datasheet(PDF) 1 Page - Cystech Electonics Corp. |
|
LM1117E3 Datasheet(HTML) 1 Page - Cystech Electonics Corp. |
1 / 7 page CYStech Electronics Corp. Spec. No. : C506E3 Issued Date : 2014.05.07 Revised Date : 2015.05.13 Page No. : 1/7 LM1117E3 series CYStek Product Specification 1A Low Dropout Positive Voltage Regulator LM1117E3 Series Features Description ● Adjustable or Fixed Output The LM1117 series of positive adjustable and fixed ● Output Current of 1A regulators are designed to provide 1A with high ● Low Dropout, 1.4V max at 1A Output Current efficiency. All internal circuitry is designed to ● Good Noise Rejection operate down to 1.4V input to output differential. ● Output Current Limiting The product is specifically designed to provide well- ● Built-in Thermal Shutdown regulated supply for low-voltage IC application such ● Fast Transient Response as high-speed bus termination and low current 3.3V ● Can operate using MLCCs in the capacitance range logic supply, and other applications such as VGA cards. of 2μF to 10μF Applications ● High Efficiency Linear Regulators ● Post Regulators for Switching Supplies ● Adjustable Power Supply Typical Application Data Fixed Voltage Regulator + + T AB IN GND OUT C1 C2 VIN>4.75V VOUT=3.3V 10μF, Tan. Min 10μF, Tan. 1)C1 needed if device is far from filter capacitors 2)C2 minimum value requir ed for stability Notes: 3 1 2 Adjustable Voltage Regulator + + T AB IN ADJ OUT R1 R2 C1 C2 VIN>4.75V VOUT=3.45V 10μF, Tan. Min 133Ω,1% 232Ω, 1% 10μF, Tan. VOUT=VREF×(1+R2/R1)+IADJ×R2 1)C1 needed if device is far from filter capacitors 2)C2 minimum value requir ed for stability Notes: 3 1 2 C2 10μF C1 10μF C2 10μF C1 10μF |
Similar Part No. - LM1117E3 |
|
Similar Description - LM1117E3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |