Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431MKN3 Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # TL431MKN3
Description  Adjustable Precision Shunt Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

TL431MKN3 Datasheet(HTML) 6 Page - Cystech Electonics Corp.

  TL431MKN3 Datasheet HTML 1Page - Cystech Electonics Corp. TL431MKN3 Datasheet HTML 2Page - Cystech Electonics Corp. TL431MKN3 Datasheet HTML 3Page - Cystech Electonics Corp. TL431MKN3 Datasheet HTML 4Page - Cystech Electonics Corp. TL431MKN3 Datasheet HTML 5Page - Cystech Electonics Corp. TL431MKN3 Datasheet HTML 6Page - Cystech Electonics Corp. TL431MKN3 Datasheet HTML 7Page - Cystech Electonics Corp. TL431MKN3 Datasheet HTML 8Page - Cystech Electonics Corp. TL431MKN3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C111N3
Issued Date : 2015.09.18
Revised Date :
Page No. : 6/ 9
TL431MKN3
CYStek Product Specification
Typical Characteristics(Cont.)
Stability Boundary Conditions
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Lo ad C ap acitan ce- - - C L (
μF)
Stability
Region
VKA=VREF
VKA=5V
Stability
Region
VKA=15V, no
oscillation
TA=25°C
VKA=10V
MINIMUM
C ATHODE C UR R ENT for
R EGULATION vs AMB IENT TEMP ER ATUR E
0. 000
0. 010
0. 020
0. 030
0. 040
0. 050
0. 060
0. 070
0. 080
0. 090
0. 100
- 50
- 25
0
255075
100
125
AMB IENT TEMP ER ATUR E(℃ )
VKA=2.495V
Test Circuit for Stability Boundary Conditions
VKA=VREF
VKA=5V, 10V, 15V
CL : MLCC capacitor


Similar Part No. - TL431MKN3

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
TL431M SECOS-TL431M Datasheet
353Kb / 3P
   Adjustable Shunt Regulator
logo
Foshan Blue Rocket Elec...
TL431M FOSHAN-TL431M Datasheet
866Kb / 7P
   Precision adjustable shunt regulator in a SOT-23 Plastic Package
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431MFDT PHILIPS-TL431MFDT Datasheet
277Kb / 27P
   Adjustable precision shunt regulator
Rev. 4-30 June 2011
TL431MFDT NXP-TL431MFDT Datasheet
277Kb / 27P
   Adjustable precision shunt regulator
Rev. 4-30 June 2011
More results

Similar Description - TL431MKN3

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com