Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM7S00B Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM7S00B
Description  2-input NAND gate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM7S00B Datasheet(HTML) 1 Page - ELM Electronics

  ELM7S00B Datasheet HTML 1Page - ELM Electronics ELM7S00B Datasheet HTML 2Page - ELM Electronics ELM7S00B Datasheet HTML 3Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
CMOS LOGIC IC
ELM7S00B 2-input NAND gate
ELM7S 0 0 B - EL
↑ ↑ ↑
a b c
■General description
ELM7S00B is CMOS 2-input NAND gate IC. It realizes high speed operation similar to LS-TTL with lower
power consumption because of CMOS features. The inner circuit structure of 3-stage logic gate obtains wider
noise immunity and constant output.
■Features
■Application
■Selection guide
ELM7S00B-EL
Symbol
a
Function
00: 2-input NAND gate
b
Product version
B
c
Taping direction
EL: Refer to PKG file
■Maximum absolute ratings
Parameter
Symbol
Limit
Unit
Power supply voltage
Vdd
-0.5 to +7.0
V
Input voltage
Vin
-0.5 to Vdd+0.5
V
Output voltage
Vout
-0.5 to Vdd+0.5
V
Input protection diode current
Iik
±
20
mA
Output parasitic diode current
Iok
±
20
mA
Output current
Iout
±
25
mA
VDD/GND current
Idd, Ignd
±
25
mA
Power dissipation
Pd
200
mW
Storage temperature
Tstg
-65 to +150
°C
• Cell phones
• Digital cameras
• Portable electrical appliances like PDA, etc.
• Computers and peripherals
• Digital electrical appliances like LCD TV sets, DVD recorders/players, STB, etc.
• Modification inside print board, adjustment of timing, solution to noise
• Same electrical characteristic as 74HC series (output current is around 1/2 of 74HC series)
• Low consumption current
: Idd=1.0µA(Max.)(Top=25°C)
• Wide power voltage range
: 2.0V to 6.0V
• High speed
: Tpd=5ns(Typ.)(Vdd=5.0V)
• Symmetrical output impedance : | Ioh |=Iol=2mA(Min.)(Vdd=4.5V)
• Small package
: SOT-25
3 -


Similar Part No. - ELM7S00B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELM7S00B ETC-ELM7S00B Datasheet
672Kb / 35P
   CMOS LOGIC IC
logo
ELM Technology Corporat...
ELM7S00B ELM-TECH-ELM7S00B Datasheet
596Kb / 3P
   CMOS LOGIC IC 2-input NAND gate
ELM7S00B ELM-TECH-ELM7S00B_17 Datasheet
603Kb / 3P
   CMOS LOGIC IC ELM7S00B 2-input NAND gate
More results

Similar Description - ELM7S00B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZ00AFE TOSHIBA-TC7SZ00AFE Datasheet
150Kb / 4P
   2 INPUT NAND GATE
TC4S11F TOSHIBA-TC4S11F Datasheet
166Kb / 4P
   2 INPUT NAND GATE
TC7SET00F TOSHIBA-TC7SET00F Datasheet
165Kb / 5P
   2-INPUT NAND GATE
logo
NXP Semiconductors
74AHC1G00 PHILIPS-74AHC1G00 Datasheet
74Kb / 16P
   2-input NAND gate
2002 May 27
logo
Renesas Technology Corp
HD74HCT1G00 RENESAS-HD74HCT1G00 Datasheet
52Kb / 8P
   2-input NAND Gate
logo
NXP Semiconductors
74AHC1G00 NXP-74AHC1G00 Datasheet
77Kb / 11P
   2-input NAND gate
Rev. 06-30 May 2007
logo
Unisonic Technologies
U74HC2G00 UTC-U74HC2G00 Datasheet
129Kb / 5P
   2-INPUT NAND GATE
logo
Renesas Technology Corp
RD74LVC1G00 RENESAS-RD74LVC1G00 Datasheet
1Mb / 7P
   2-input NAND Gate
logo
Minilogic Device Corpor...
ML74UL00 MINILOGIC-ML74UL00 Datasheet
122Kb / 3P
   2-input NAND Gate
logo
Nexperia B.V. All right...
74HC1G00-Q100 NEXPERIA-74HC1G00-Q100 Datasheet
677Kb / 12P
   2-input NAND gate
74HC1G00 NEXPERIA-74HC1G00 Datasheet
206Kb / 10P
   2-input NAND gate
Rev. 6 - 21 January 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com